Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 54Page - Renesas Technology Corp H8S2245 Datasheet HTML 55Page - Renesas Technology Corp H8S2245 Datasheet HTML 56Page - Renesas Technology Corp H8S2245 Datasheet HTML 57Page - Renesas Technology Corp H8S2245 Datasheet HTML 58Page - Renesas Technology Corp H8S2245 Datasheet HTML 59Page - Renesas Technology Corp H8S2245 Datasheet HTML 60Page - Renesas Technology Corp H8S2245 Datasheet HTML 61Page - Renesas Technology Corp H8S2245 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 16 of 772
REJ09B0355-0300
Pin No.
Type
Symbol
FP-100B, TFP-100B
I/O
Name and Function
A/D converter
AN3 to
AN0
82 to 79
Input
Analog 3 to 0: Analog input pins.
ADTRG
93
Input
A/D conversion external trigger input:
Pin for input of an external trigger to
start A/D conversion.
AV
CC
77
Input
This is the power supply pin for the
A/D converter.
When the A/D converter is not used,
this pin should be connected to the
system power supply (+5 V).
AV
SS
83
Input
This is the ground pin for the A/D
converter.
This pin should be connected to the
system power supply (0 V).
V
ref
78
Input
This is the reference voltage input pin
for the A/D converter.
When the A/D converter is not used,
this pin should be connected to the
system power supply (+5 V).
I/O ports
P1
7 to
P1
0
6 to 1, 100, 99
I/O
Port 1: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port 1 data direction
register (P1DDR).
P2
7 to
P2
0
92 to 85
I/O
Port 2: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port 2 data direction
register (P2DDR).
P3
5 to
P3
0
13 to 8
I/O
Port 3: A 6-bit I/O port. Input or output
can be designated for each bit by
means of the port 3 data direction
register (P3DDR).
P4
3 to
P4
0
82 to 79
Input
Port 4: A 4-bit input port.
P5
3 to
P5
0
59, 56 to 54
I/O
Port 5: A 4-bit I/O port. Input or output
can be designated for each bit by
means of the port 5 data direction
register (P5DDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com