Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 7Page - Renesas Technology Corp H8S2245 Datasheet HTML 8Page - Renesas Technology Corp H8S2245 Datasheet HTML 9Page - Renesas Technology Corp H8S2245 Datasheet HTML 10Page - Renesas Technology Corp H8S2245 Datasheet HTML 11Page - Renesas Technology Corp H8S2245 Datasheet HTML 12Page - Renesas Technology Corp H8S2245 Datasheet HTML 13Page - Renesas Technology Corp H8S2245 Datasheet HTML 14Page - Renesas Technology Corp H8S2245 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xi of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
7.2.8 DTC Vector
Register (DTVECR)
186
Bit figure amended
7
SWDTE
0
R/(W)*1
6
DTVEC6
0
R/(W)*2
5
DTVEC5
0
R/(W)*2
4
DTVEC4
0
R/(W)*2
3
DTVEC3
0
R/(W)*2
0
DTVEC0
0
R/(W)*2
2
DTVEC2
0
R/(W)*2
1
DTVEC1
0
R/(W)*2
Bit
Initial value
R/W
:
:
:
Notes 1 and 2 amended
Notes: 1. A value of 1 can only be written to the SWDTE bit.
2. DTVEC6 to DTVEC0 bits can only be written when SWDTE =
0.
Bit 7
DTC Software Activation Enable (SWDTE)
Description deleted
(Before) ... Enables or disables DTC activation by software. The
SWDTE bit is cleared by writing 0 after reading 1.
→ (After)
Enables or disables DTC activation by software.
Condition 2 added
[Clearing conditions]
1. When DISEL = 0 and ...
2. When 0 is written to the DISEL bit after a software-activated
data transfer end interrupt (SWDTEND) request has been sent to
the CPU.
7.3.2 Activation
Sources
190
Description added
...The activation source flag, in the case of RXI0, for example, is
the RDRF flag of SCI_0. As there are a number of activation
sources, the activation source flag is not cleared with the last
byte (or word) transfer. Take appropriate measures at each
interrupt.
7.3.8 Chain Transfer
199
Description added
... Figure 7.9 shows the memory map for chain transfer. When
activated, the DTC reads the register information start address
stored at the vector address, which corresponds to the activation
request, and then reads the first register information at that start
address. After the data transfer, the CHNE bit will be tested.
When it has been set to 1, DTC reads the next register
information located in a consecutive area and performs the data
transfer. These sequences are repeated until the CHNE bit is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com