Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 51Page - Renesas Technology Corp H8S2245 Datasheet HTML 52Page - Renesas Technology Corp H8S2245 Datasheet HTML 53Page - Renesas Technology Corp H8S2245 Datasheet HTML 54Page - Renesas Technology Corp H8S2245 Datasheet HTML 55Page - Renesas Technology Corp H8S2245 Datasheet HTML 56Page - Renesas Technology Corp H8S2245 Datasheet HTML 57Page - Renesas Technology Corp H8S2245 Datasheet HTML 58Page - Renesas Technology Corp H8S2245 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 13 of 772
REJ09B0355-0300
Pin No.
Type
Symbol
FP-100B, TFP-100B
I/O
Name and Function
Operating mode
control
MD
2 to
MD
0
61, 58, 57
Input
Mode pins: These pins set the
operating mode.
The relation between the settings of
pins MD
2 to MD0 and the operating
mode is shown below. These pins
should not be changed while the
H8S/2245 Group is operating.
Except for mode changing, be sure to
fix the levels of the mode pins (MD
2 to
MD
0) by pulling them down or pulling
them up until the power turns off.
MD
2
MD
1
MD
0
Operating
Mode
000
—
1
Mode 1
1
0
Mode 2*
1
Mode 3*
100Mode 4
1
Mode 5
1
0
Mode 6*
1
Mode 7*
Note: * Cannot be used in the
H8S/2240.
System control
RES
62
Input
Reset input: When this pin is driven
low, the chip is reset. The type of
reset can be selected according to the
NMI input level. At power-on, the NMI
pin input level should be set high.
STBY
64
Input
Standby: When this pin is driven low,
a transition is made to hardware
standby mode.
BREQ
76
Input
Bus request: Used by an external bus
master to issue a bus request to the
H8S/2245 Group.
BREQO
74
Output Bus request output: The external bus
request signal used when an internal
bus master accesses external space
in the external bus-released state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com