Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 46Page - Renesas Technology Corp H8S2245 Datasheet HTML 47Page - Renesas Technology Corp H8S2245 Datasheet HTML 48Page - Renesas Technology Corp H8S2245 Datasheet HTML 49Page - Renesas Technology Corp H8S2245 Datasheet HTML 50Page - Renesas Technology Corp H8S2245 Datasheet HTML 51Page - Renesas Technology Corp H8S2245 Datasheet HTML 52Page - Renesas Technology Corp H8S2245 Datasheet HTML 53Page - Renesas Technology Corp H8S2245 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 8 of 772
REJ09B0355-0300
1.3.2
Pin Functions in Each Operating Mode
Table 1.2 shows the pin functions in each of the operating modes.
Table 1.2
Pin Functions in Each Operating Mode
Pin No.
Pin Name
FP-100B,
TFP-100B Mode 1
Mode 2*
1
Mode 3*
1
Mode 4
Mode 5
Mode 6*
1
Mode 7*
1
PROM
Mode*
2
1P1
2/
TIOCC0/
TCLKA
P1
2/
TIOCC0/
TCLKA
P1
2/
TIOCC0/
TCLKA
P1
2/
TIOCC0/
TCLKA/A
22
P1
2/
TIOCC0/
TCLKA/A
22
P1
2/
TIOCC0/
TCLKA/A
22
P1
2/
TIOCC0/
TCLKA
NC
2P1
3/
TIOCD0/
TCLKB
P1
3/
TIOCD0/
TCLKB
P1
3/
TIOCD0/
TCLKB
P1
3/
TIOCD0/
TCLKB/A
23
P1
3/
TIOCD0/
TCLKB/A
23
P1
3/
TIOCD0/
TCLKB/A
23
P1
3/
TIOCD0/
TCLKB
NC
3P1
4/TIOCA1 P14/TIOCA1 P14/TIOCA1 P14/TIOCA1 P14/TIOCA1 P14/TIOCA1 P14/TIOCA1 NC
4P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
P1
5/
TIOCB1/
TCLKC
NC
5P1
6/
TIOCA2
P1
6/
TIOCA2
P1
6/
TIOCA2
P1
6/
TIOCA2
P1
6/
TIOCA2
P1
6/
TIOCA2
P1
6/
TIOCA2
NC
6P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
P1
7/
TIOCB2/
TCLKD
NC
7V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
8P3
0/TxD0
P3
0/TxD0
P3
0/TxD0
P3
0/TxD0
P3
0/TxD0
P3
0/TxD0
P3
0/TxD0
NC
9P3
1/TxD1
P3
1/TxD1
P3
1/TxD1
P3
1/TxD1
P3
1/TxD1
P3
1/TxD1
P3
1/TxD1
NC
10
P3
2/RxD0
P3
2/RxD0
P3
2/RxD0
P3
2/RxD0
P3
2/RxD0
P3
2/RxD0
P3
2/RxD0
NC
11
P3
3/RxD1
P3
3/RxD1
P3
3/RxD1
P3
3/RxD1
P3
3/RxD1
P3
3/RxD1
P3
3/RxD1
NC
12
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
P3
4/SCK0/
IRQ4
NC
13
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
P3
5/SCK1/
IRQ5
NC
14
PE
0/D0
PE
0/D0
PE
0
PE
0/D0
PE
0/D0
PE
0/D0
PE
0
NC
15
PE
1/D1
PE
1/D1
PE
1
PE
1/D1
PE
1/D1
PE
1/D1
PE
1
NC
16
PE
2/D2
PE
2/D2
PE
2
PE
2/D2
PE
2/D2
PE
2/D2
PE
2
NC
17
PE
3/D3
PE
3/D3
PE
3
PE
3/D3
PE
3/D3
PE
3/D3
PE
3
NC
18
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com