Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 19Page - Renesas Technology Corp H8S2245 Datasheet HTML 20Page - Renesas Technology Corp H8S2245 Datasheet HTML 21Page - Renesas Technology Corp H8S2245 Datasheet HTML 22Page - Renesas Technology Corp H8S2245 Datasheet HTML 23Page - Renesas Technology Corp H8S2245 Datasheet HTML 24Page - Renesas Technology Corp H8S2245 Datasheet HTML 25Page - Renesas Technology Corp H8S2245 Datasheet HTML 26Page - Renesas Technology Corp H8S2245 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xxiii of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
14.4.3 Input Sampling
and A/D Conversion
Time
Figure 14.5 A/D
Conversion Timing
517
Figure 14.5 amended
(1)
(2)
φ
Address bus
Write signal
14.6 Usage Notes
519
Description added
The following points should be noted when using the A/D
converter.
Module Stop Mode Setting
Operation of the A/D converter can be disabled or enabled using
the module stop control register. The initial setting is for
operation of the A/D converter to be halted. Register access is
enabled by clearing module stop mode. For details, see section
18, Power-Down Modes.
Setting Range of Analog Power Supply and Other Pins
15.2.1 System Control
Register (SYSCR)
527
Bit figure amended
7
—
0
R/W
6
—
0
—
5
INTM1
0
R/W
4
INTM0
0
R/W
3
NMIEG
0
R/W
0
RAME
1
R/W
2
—
0
—
1
—
0
—
Bit
Initial value
R/W
:
:
:
16.1.1 Block Diagram
Figure 16.1 Block
Diagram of ROM
(Example with H8S/2246
and H8S/2245 in Modes
6, 7)
530
Figure 16.1 title amended
16.2.1 Bus Control
Register L (BCRL)
531
Bit 5
External Address Enable (EAE)
Description amended
... or a reserved area
* (in the H8S/2244, H8S/2243, ...
16.5.3 Programming
Precautions
541
Description amended
• The size of the PROM is 128 kbytes. Always set addresses
within the range ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com