Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 21Page - Renesas Technology Corp H8S2245 Datasheet HTML 22Page - Renesas Technology Corp H8S2245 Datasheet HTML 23Page - Renesas Technology Corp H8S2245 Datasheet HTML 24Page - Renesas Technology Corp H8S2245 Datasheet HTML 25Page - Renesas Technology Corp H8S2245 Datasheet HTML 26Page - Renesas Technology Corp H8S2245 Datasheet HTML 27Page - Renesas Technology Corp H8S2245 Datasheet HTML 28Page - Renesas Technology Corp H8S2245 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xxv of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
Appendix B Register
Field
659
DTVECR H'FF37 DTC
Figure amended
7
SWDTE
0
R/(W)*1
6
DTVEC6
0
R/(W)*2
5
DTVEC5
0
R/(W)*2
4
DTVEC4
0
R/(W)*2
3
DTVEC3
0
R/(W)*2
0
DTVEC0
0
R/(W)*2
2
DTVEC2
0
R/(W)*2
1
DTVEC1
0
R/(W)*2
1. A value of 1 can always be written to the SWDTE bit, but 0 can only be written after 1
is read.
2. Only write to bits DTVEC6 to DTVEC0 when SWDTE is 0.
Notes:
DTC Software Activation Enable
Sets vector number for DTC software activation
Bit
Initial value
Read/Write
:
:
:
0
1
DTC software activation is disabled
[Clearing conditions]
• When the DISEL bit is 0 and the specified number of transfers have not ended
• When 0 is written to the DISEL bit after a software-activated data transfer end
interrupt (SWDTEND) request has been sent to the CPU.
DTC software activation is enabled
[Holding conditions]
• When the DISEL bit is 1 and data transfer has ended
• When the specified number of transfers have ended
• During data transfer activated by software
662
SCKCR H'FF3A Clock Pulse Generator
Figure amended
7
PSTOP
0
R/W
6
—
0
R/W
Bit
Initial value
Read/Write
:
:
:
680
SSR0 H'FF7C SCI0
Note
*2 added
R/(W)
*1 DTC*2
Notes: 1. Can only be written with 0 for flag clearing.
2. DTC can clear this bit only when DISEL is 0 with the transfer
counter not being 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com