Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 10Page - Renesas Technology Corp H8S2245 Datasheet HTML 11Page - Renesas Technology Corp H8S2245 Datasheet HTML 12Page - Renesas Technology Corp H8S2245 Datasheet HTML 13Page - Renesas Technology Corp H8S2245 Datasheet HTML 14Page - Renesas Technology Corp H8S2245 Datasheet HTML 15Page - Renesas Technology Corp H8S2245 Datasheet HTML 16Page - Renesas Technology Corp H8S2245 Datasheet HTML 17Page - Renesas Technology Corp H8S2245 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xiv of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
8.13.2 Register
Configuration
278
Port G Data Direction Register (PGDDR)
Description amended
... an undefined value will be read. PGDDR cannot be modified.
This register is a write-only register, and cannot be written by bit
manipulation instruction. For details, see section 2.10.4, Access
Methods for Registers with Write-Only Bits. PGDDR is initialized
by a power-on reset ...
8.14 Handling of
Unused Pins
283
Section 8.14 added
9.2.1 Timer Control
Register (TCR)
294
Bits 4 and 3
Clock Edge 1 and 0 (CKEG1, CKEG0)
Note amended
Note: Internal clock edge selection is valid when the input clock
is
φ/4 or slower. If φ/1 is selected as the input clock, this setting is
ignored and count at falling edge of
φ is selected.
9.2.5 Timer Status
Register (TSR)
311
Bit 3
Input Capture/Output Compare Flag D (TGFD)
Description amended
[Clearing conditions]
• When DTC is activated by TGID interrupt while DISEL bit of
MRB in DTC is 0 with the transfer counter not being 0.
• When 0 is written to TGFD after reading TGFD = 1
Bit 2
Input Capture/Output Compare Flag C (TGFC)
Description amended
[Clearing conditions]
• When DTC is activated by TGIC interrupt while DISEL bit of
MRB in DTC is 0 with the transfer counter not being 0.
• When 0 is written to TGFC after reading TGFC = 1
312
Bit 1
Input Capture/Output Compare Flag B (TGFB)
Description amended
[Clearing conditions]
• When DTC is activated by TGIB interrupt while DISEL bit of
MRB in DTC is 0 with the transfer counter not being 0.
• When 0 is written to TGFB after reading TGFB = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com