Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 8Page - Renesas Technology Corp H8S2245 Datasheet HTML 9Page - Renesas Technology Corp H8S2245 Datasheet HTML 10Page - Renesas Technology Corp H8S2245 Datasheet HTML 11Page - Renesas Technology Corp H8S2245 Datasheet HTML 12Page - Renesas Technology Corp H8S2245 Datasheet HTML 13Page - Renesas Technology Corp H8S2245 Datasheet HTML 14Page - Renesas Technology Corp H8S2245 Datasheet HTML 15Page - Renesas Technology Corp H8S2245 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xii of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
8.2.2 Register
Configuration
214
Port 1 Data Direction Register (P1DDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. P1DDR is initialized to H'00 ...
8.3.2 Register
Configuration
225
Port 2 Data Direction Register (P2DDR)
Description amended
... makes the pin an input pin. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. P2DDR is initialized to H'00 ...
8.4.2 Register
Configuration
230
Port 3 Data Direction Register (P3DDR)
Description amended
... an undefined value will be read. P3DDR cannot be modified.
Setting a P3DDR bit to 1 ... makes the pin an input pin. This
register is a write-only register, and cannot be written by bit
manipulation instruction. For details, see section 2.10.4, Access
Methods for Registers with Write-Only Bits. P3DDR is initialized
to H'00 ...
8.5.2 Register
Configuration
235
Port 4 Register (PORT4)
Description amended
PORT4 is an 8-bit read-only register that shows port 4 pin states.
PORT4 cannot be modified. Bits 7 to 4 are reserved; ...
8.6.2 Register
Configuration
237
Port 5 Data Direction Register (P5DDR)
Description amended
... an undefined value will be read. P5DDR cannot be modified.
Setting a P5DDR bit to 1 ... makes the pin an input pin. This
register is a write-only register, and cannot be written by bit
manipulation instruction. For details, see section 2.10.4, Access
Methods for Registers with Write-Only Bits. P5DDR is initialized
to H'0 ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com