Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 17Page - Renesas Technology Corp H8S2245 Datasheet HTML 18Page - Renesas Technology Corp H8S2245 Datasheet HTML 19Page - Renesas Technology Corp H8S2245 Datasheet HTML 20Page - Renesas Technology Corp H8S2245 Datasheet HTML 21Page - Renesas Technology Corp H8S2245 Datasheet HTML 22Page - Renesas Technology Corp H8S2245 Datasheet HTML 23Page - Renesas Technology Corp H8S2245 Datasheet HTML 24Page - Renesas Technology Corp H8S2245 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xxi of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
13.2.2 Serial Status
Register (SSR)
479
Note
* added
Notes: etu: ...
* DTC can clear this bit only when DISEL is 0 with the transfer
counter not being 0.
13.3.4 Register Settings 486
SCR Setting
Description amended
... When the GM bit in SMR is cleared to 0, set these bits to B'00
if a clock is not to be output, or to B'01 if a clock is to be output.
...
13.3.6 Data Transfer
Operations
495
Fixing Clock Output Level
Description amended
When the GM bit in SMR is set to 1, ... In this example, GM is set
to 1, ...
496
Data Transfer Operation by DTC
Description amended
... If the TXI request is designated beforehand as a DTC
activation source, the DTC will be activated by the TXI request,
and transfer of the transmit data will be carried out. When DISEL
in DTC is 0 and the transfer counter value is not 0, the TDRE and
TEND flags are automatically cleared to 0 when data transfer is
performed. If DISEL is 1, or if DISEL is 0 and the transfer counter
value is 0, the DTC writes the transfer data to TDR but does not
clear the flags. Therefore, the flags should be cleared by the
CPU. In the event of an error, the SCI retransmits the same data
automatically. The TEND flag remains cleared to 0 during this
time, and the DTC is not activated. Thus, the number of bytes
specified by the SCI and DTC are transmitted automatically even
in retransmission following an error. However, the ERS flag is not
cleared ...
497
... If the RXI request is designated beforehand as a DTC
activation source, the DTC will be activated by the RXI request,
and transfer of the receive data will be carried out. At this time,
the RDRF flag is cleared to 0 if DISEL in DTC is 0 and the
transfer counter value is not 0. If DISEL is 1, or if DISEL is 0 and
the transfer counter value is 0, the DTC transfers the receive
data but does not clear the flag. Therefore, the flag should be
cleared by the CPU. If an error occurs, an error flag is set but the
RDRF flag is not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com