Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 18Page - Renesas Technology Corp H8S2245 Datasheet HTML 19Page - Renesas Technology Corp H8S2245 Datasheet HTML 20Page - Renesas Technology Corp H8S2245 Datasheet HTML 21Page - Renesas Technology Corp H8S2245 Datasheet HTML 22Page - Renesas Technology Corp H8S2245 Datasheet HTML 23Page - Renesas Technology Corp H8S2245 Datasheet HTML 24Page - Renesas Technology Corp H8S2245 Datasheet HTML 25Page - Renesas Technology Corp H8S2245 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xxii of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
13.4 Usage Notes
500
Retransfer Operation
Description amended
• Retransfer operation when SCI is in receive mode
[4] ... If DTC data transfer by an RXI source is enabled, the
contents of RDR can be read automatically. When the RDR data
is read by the DTC, the RDRF flag is automatically cleared to 0 if
DISEL in DTC is 0 and the transfer counter value is not 0.
501
• Retransfer operation when SCI is in transmit mode
[9] ... If DTC data transfer by an RXI source is enabled, the
contents of RDR can be read automatically. When data is written
to TDR by the DTC, the TDRE bit is automatically cleared to 0 if
DISEL in DTC is 0 and the transfer counter value is not 0.
14.1.1 Features
503
• High-speed conversion
Description amended
 Minimum conversion time: 6.5 µs per channel (at 20-MHz
operation)
14.2.2 A/D
Control/Status Register
(ADCSR)
508
Bit 7
A/D End Flag (ADF)
Note
* added
[Clearing conditions]
• When 0 is written to ...
• When the DTC* is activated by a ADI interrupt and ADDR is
read
Note:
* The flag is cleared only when DISEL in DTC is 0 and the
transfer counter value is not 0.
509
Bit 3
Clock Select (CKS)
Description added
... is stopped (ADST = 0). Set the conversion time to a value
equal to or greater than the conversion time indicated in section
19.5, A/D Conversion Characteristics.
14.4.1 Single Mode
(SCAN = 0)
Figure 14.3 Example of
A/D Converter Operation
(Single Mode, Channel 1
Selected)
514
Note
* added to figure 14.3
Read conversion result
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com