Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 11Page - Renesas Technology Corp H8S2245 Datasheet HTML 12Page - Renesas Technology Corp H8S2245 Datasheet HTML 13Page - Renesas Technology Corp H8S2245 Datasheet HTML 14Page - Renesas Technology Corp H8S2245 Datasheet HTML 15Page - Renesas Technology Corp H8S2245 Datasheet HTML 16Page - Renesas Technology Corp H8S2245 Datasheet HTML 17Page - Renesas Technology Corp H8S2245 Datasheet HTML 18Page - Renesas Technology Corp H8S2245 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xv of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
9.2.5 Timer Status
Register (TSR)
312
Bit 0
Input Capture/Output Compare Flag A (TGFA)
Description amended
[Clearing conditions]
• When DTC is activated by TGIA interrupt while DISEL bit of
MRB in DTC is 0 with the transfer counter not being 0.
• When 0 is written to TGFA after reading TGFA = 1
9.7 Usage Notes
352
Description added
Note that the kinds of operation and contention described below
occur during TPU operation.
Module Stop Mode Setting
TPU operation can be disabled or enabled using the module stop
control register. The initial setting is for TPU operation to be
halted. Register access is enabled by clearing module stop
mode. For details, refer to section 18, Power-Down Modes.
Input Clock Restrictions
The input clock pulse width must be ...
Figure 9.52 Contention
between Overflow and
Counter Clearing
360
Figure 9.52 amended
TGF flag
Prohibited
TCFV flag
Figure 9.53 Contention
between TCNT Write and
Overflow
361
Figure 9.53 amended
Write signal
Address
φ
TCNT address
TCNT
TCNT write cycle
T1
T2
H'FFFF
Prohibited
M
TCNT write data
TCFV flag
10.2.2 Time Constant
Registers A0 and A1
(TCORA0, TCORA1)
367
Description amended
... Note, however, that comparison is disabled during the T2 state
of a TCORA write cycle. ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com