Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 53Page - Renesas Technology Corp H8S2245 Datasheet HTML 54Page - Renesas Technology Corp H8S2245 Datasheet HTML 55Page - Renesas Technology Corp H8S2245 Datasheet HTML 56Page - Renesas Technology Corp H8S2245 Datasheet HTML 57Page - Renesas Technology Corp H8S2245 Datasheet HTML 58Page - Renesas Technology Corp H8S2245 Datasheet HTML 59Page - Renesas Technology Corp H8S2245 Datasheet HTML 60Page - Renesas Technology Corp H8S2245 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 15 of 772
REJ09B0355-0300
Pin No.
Type
Symbol
FP-100B, TFP-100B
I/O
Name and Function
TCLKD to
TCLKA
6, 4, 2, 1
Input
Clock input D to A: These pins input
an external clock.
16-bit timer-
pulse unit
(TPU)
TIOCA0,
TIOCB0,
TIOCC0,
TIOCD0
99, 100, 1, 2
I/O
Input capture/output compare match
A0 to D0: The TGR0A to TGR0D
input capture input or output compare
output, or PWM output pins.
TIOCA1,
TIOCB1
3, 4
I/O
Input capture/output compare match
A1 and B1: The TGR1A and TGR1B
input capture input or output compare
output, or PWM output pins.
TIOCA2,
TIOCB2
5, 6
I/O
Input capture/output compare match
A2 and B2: The TGR2A and TGR2B
input capture input or output compare
output, or PWM output pins.
8-bit timer
TMO0,
TMO1
91, 92
Output Compare match output: The compare
match output pins.
TMCI0,
TMCI1
88, 90
Input
Counter external clock input: Input
pins for the external clock input to the
counter.
TMRI0,
TMRI1
87, 89
Input
Counter external reset input: The
counter reset input pins.
Watchdog
timer (WDT)
WDTOVF 60
Output Watchdog timer: The counter overflow
signal output pin in watchdog timer
mode.
TxD2,
TxD1,
TxD0
54, 9, 8
Output Transmit data (channel 0, 1, 2):
Data output pins.
Serial
communication
interface (SCI)/
Smart Card
interface
RxD2,
RxD1,
RxD0
55, 11, 10
Input
Receive data (channel 0, 1, 2):
Data input pins.
SCK2,
SCK1,
SCK0
56, 13, 12
I/O
Serial clock (channel 0, 1, 2):
Clock I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com