Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 55Page - Renesas Technology Corp H8S2245 Datasheet HTML 56Page - Renesas Technology Corp H8S2245 Datasheet HTML 57Page - Renesas Technology Corp H8S2245 Datasheet HTML 58Page - Renesas Technology Corp H8S2245 Datasheet HTML 59Page - Renesas Technology Corp H8S2245 Datasheet HTML 60Page - Renesas Technology Corp H8S2245 Datasheet HTML 61Page - Renesas Technology Corp H8S2245 Datasheet HTML 62Page - Renesas Technology Corp H8S2245 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 17 of 772
REJ09B0355-0300
Pin No.
Type
Symbol
FP-100B, TFP-100B
I/O
Name and Function
I/O ports
PA
3 to
PA
0
*
2
53 to 50
I/O
Port A: A 4-bit I/O port. Input or output
can be designated for each bit by
means of the port A data direction
register (PADDR).
PB
7 to
PB
0
*
3
48 to 41
I/O
Port B: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port B data direction
register (PBDDR).
PC
7 to
PC
0
*
3
39 to 32
I/O
Port C: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port C data direction
register (PCDDR).
PD
7 to
PD
0
*
3
30 to 23
I/O
Port D: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port D data direction
register (PDDDR).
PE
7 to
PE
0
22 to 19, 17 to 14
I/O
Port E: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port E data direction
register (PEDDR).
PF
7 to
PF
0
*
4
69 to 76
I/O
Port F: An 8-bit I/O port. Input or
output can be designated for each bit
by means of the port F data direction
register (PFDDR).
PG
4 to
PG
0
97 to 93
I/O
Port G: A 5-bit I/O port. Input or
output can be designated for each bit
by means of the port G data direction
register (PGDDR).
Notes: 1.
IRQ3 cannot be used in modes 1, 2, 4, 5, and 6, or in the H8S/2240.
2. Cannot be used in modes 4 and 5 in the H8S/2240.
3. Cannot be used in the H8S/2240.
4. PF
6 to PF3 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com