Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 41Page - Renesas Technology Corp H8S2245 Datasheet HTML 42Page - Renesas Technology Corp H8S2245 Datasheet HTML 43Page - Renesas Technology Corp H8S2245 Datasheet HTML 44Page - Renesas Technology Corp H8S2245 Datasheet HTML 45Page - Renesas Technology Corp H8S2245 Datasheet HTML 46Page - Renesas Technology Corp H8S2245 Datasheet HTML 47Page - Renesas Technology Corp H8S2245 Datasheet HTML 48Page - Renesas Technology Corp H8S2245 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 3 of 772
REJ09B0355-0300
Item
Specification
16-bit timer-pulse
unit (TPU)
• 3-channel 16-bit timer on-chip
• Pulse I/O processing capability for up to 8 pins'
• Automatic 2-phase encoder count capability
8-bit timer
2 channels
• 8-bit up-counter (external event count capability)
• Two time constant registers
• Two-channel connection possible
Watchdog timer
• Watchdog timer or interval timer selectable
Serial
communication
interface (SCI)
3 channels
• Asynchronous mode or synchronous mode selectable
• Multiprocessor communication function
• Smart card interface function
A/D converter
• Resolution: 10 bits
• Input: 4 channels
• Single or scan mode selectable
• Sample and hold circuit
• A/D conversion can be activated by external trigger or timer trigger
I/O ports
• 75 I/O pins, 4 input-only pins
Memory
• PROM or mask ROM
• High-speed static RAM
Product Name
ROM
RAM
H8S/2246
128 kbytes
8 kbytes
H8S/2245
128 kbytes
4 kbytes
H8S/2244
64 kbytes
8 kbytes
H8S/2243
64 kbytes
4 kbytes
H8S/2242
32 kbytes
8 kbytes
H8S/2241
32 kbytes
4 kbytes
H8S/2240
—
4 kbytes
Interrupt controller
• Nine external interrupt pins (NMI, IRQ0 to IRQ7)
• 34 internal interrupt sources
• Three priority levels settable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com