Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 42Page - Renesas Technology Corp H8S2245 Datasheet HTML 43Page - Renesas Technology Corp H8S2245 Datasheet HTML 44Page - Renesas Technology Corp H8S2245 Datasheet HTML 45Page - Renesas Technology Corp H8S2245 Datasheet HTML 46Page - Renesas Technology Corp H8S2245 Datasheet HTML 47Page - Renesas Technology Corp H8S2245 Datasheet HTML 48Page - Renesas Technology Corp H8S2245 Datasheet HTML 49Page - Renesas Technology Corp H8S2245 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 818 page
background image
Section 1 Overview
Rev.3.00 Mar. 26, 2007 Page 4 of 772
REJ09B0355-0300
Item
Specification
Power-down state
• Medium-speed mode
• Sleep mode
• Module stop mode
• Software standby mode
• Hardware standby mode
Operating modes
Seven MCU operating modes
External Data Bus
Mode
CPU
Operating
Mode
Description
On-Chip
ROM
Initial
Value
Maximum
Value
1
Normal
On-chip ROM disabled
expansion mode
Disabled
8 bits
16 bits
2*
On-chip ROM enabled
expansion mode
Enabled
8 bits
16 bits
3*
Single-chip mode
Enabled
—
—
4
Advanced
On-chip ROM disabled
expansion mode
Disabled
16 bits
16 bits
5
On-chip ROM disabled
expansion mode
Disabled
8 bits
16 bits
6*
On-chip ROM enabled
expansion mode
Enabled
8 bits
16 bits
7*
Single-chip mode
Enabled
—
—
Note: * Cannot be used in the H8S/2240.
Clock pulse
generator
• Built-in duty correction circuit
Packages
• 100-pin plastic QFP (FP-100B)
• 100-pin plastic TQFP (TFP-100B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com