Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 379Page - Renesas Technology Corp H8S2245 Datasheet HTML 380Page - Renesas Technology Corp H8S2245 Datasheet HTML 381Page - Renesas Technology Corp H8S2245 Datasheet HTML 382Page - Renesas Technology Corp H8S2245 Datasheet HTML 383Page - Renesas Technology Corp H8S2245 Datasheet HTML 384Page - Renesas Technology Corp H8S2245 Datasheet HTML 385Page - Renesas Technology Corp H8S2245 Datasheet HTML 386Page - Renesas Technology Corp H8S2245 Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 341 of 772
REJ09B0355-0300
9.5
Interrupts
9.5.1
Interrupt Sources and Priorities
There are three kinds of TPU interrupt source: TGR input capture/compare match, TCNT
overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disabled
bit, allowing generation of interrupt request signals to be enabled or disabled individually.
When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the
corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The
interrupt request is cleared by clearing the status flag to 0.
Relative channel priorities can be changed by the interrupt controller, but the priority order within
a channel is fixed. For details, see section 5, Interrupt Controller.
Table 9.12 lists the TPU interrupt sources.
Table 9.12
TPU Interrupts
Channel
Interrupt
Source
Description
DTC
Activation
Priority
TGI0A
TGR0A input capture/compare match
Possible
High
TGI0B
TGR0B input capture/compare match
Possible
TGI0C
TGR0C input capture/compare match
Possible
TGI0D
TGR0D input capture/compare match
Possible
0
TCI0V
TCNT0 overflow
Not possible
TGI1A
TGR1A input capture/compare match
Possible
TGI1B
TGR1B input capture/compare match
Possible
TCI1V
TCNT1 overflow
Not possible
1
TCI1U
TCNT1 underflow
Not possible
TGI2A
TGR2A input capture/compare match
Possible
TGI2B
TGR2B input capture/compare match
Possible
TCI2V
TCNT2 overflow
Not possible
2
TCI2U
TCNT2 underflow
Not possible
Low
Note:
This table shows the initial state immediately after a reset. The relative channel priorities
can be changed by the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com