Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 422Page - Renesas Technology Corp H8S2245 Datasheet HTML 423Page - Renesas Technology Corp H8S2245 Datasheet HTML 424Page - Renesas Technology Corp H8S2245 Datasheet HTML 425Page - Renesas Technology Corp H8S2245 Datasheet HTML 426Page - Renesas Technology Corp H8S2245 Datasheet HTML 427Page - Renesas Technology Corp H8S2245 Datasheet HTML 428Page - Renesas Technology Corp H8S2245 Datasheet HTML 429Page - Renesas Technology Corp H8S2245 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 384 of 772
REJ09B0355-0300
10.6.5
Contention between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 10.4.
Table 10.4
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
10.6.6
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 10.5 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in case 3 in
table 10.5, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge. This increments TCNT.
The erroneous incrementation can also happen when switching between internal and external
clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com