Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 463Page - Renesas Technology Corp H8S2245 Datasheet HTML 464Page - Renesas Technology Corp H8S2245 Datasheet HTML 465Page - Renesas Technology Corp H8S2245 Datasheet HTML 466Page - Renesas Technology Corp H8S2245 Datasheet HTML 467Page - Renesas Technology Corp H8S2245 Datasheet HTML 468Page - Renesas Technology Corp H8S2245 Datasheet HTML 469Page - Renesas Technology Corp H8S2245 Datasheet HTML 470Page - Renesas Technology Corp H8S2245 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 425 of 772
REJ09B0355-0300
Table 12.4
BRR Settings for Various Bit Rates (Clocked Synchronous Mode)
φφφφ (MHz)
24
8
10
16
20
Bit Rate
(bit/s)
n
Nn
Nn
N
n
Nn
Nn
N
110
3
70
—
———
———
———
250
2
124
2
249
3
124
——
3
249
——
500
1
249
2
124
2
249
——
3
124
——
1 k
1
124
1
249
2
124
——
2
249
——
2.5 k
0
199
1
99
1
199
1
249
2
99
2
124
5 k
0
99
0
199
1
99
1
124
1
199
1
249
10 k
0
49
0
99
0
199
0
249
1
99
1
124
25 k
0
19
0
39
0
79
0
99
0
159
0
199
50 k
0
9
0
19
0
39
0
49
0
79
0
99
100 k
0
4
0
9
0
19
0
24
0
39
0
49
250 k
0
1
0
3
0
7
0
9
0
15
0
19
500 k
0
0*
0
103
040
709
1 M
0
0*
01
——
0
304
2.5 M
——
00*
——
01
5 M
——
00*
Legend:
Blank: Cannot be set.
—:
Can be set, but there will be a degree of error.
*:
Continuous transmission/reception is not possible.
Note:
As far as possible, the setting should be made so that the error is no more than 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com