Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 481Page - Renesas Technology Corp H8S2245 Datasheet HTML 482Page - Renesas Technology Corp H8S2245 Datasheet HTML 483Page - Renesas Technology Corp H8S2245 Datasheet HTML 484Page - Renesas Technology Corp H8S2245 Datasheet HTML 485Page - Renesas Technology Corp H8S2245 Datasheet HTML 486Page - Renesas Technology Corp H8S2245 Datasheet HTML 487Page - Renesas Technology Corp H8S2245 Datasheet HTML 488Page - Renesas Technology Corp H8S2245 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 443 of 772
REJ09B0355-0300
In serial reception, the SCI operates as described below.
[1] The SCI monitors the transmission line, and if a 0 stop bit is detected, performs internal
synchronization and starts reception.
[2] The received data is stored in RSR in LSB-to-MSB order.
[3] The parity bit and stop bit are received.
After receiving these bits, the SCI carries out the following checks.
[a] Parity check:
The SCI checks whether the number of 1 bits in the receive data agrees with the parity
(even or odd) set in the O/
E bit in SMR.
[b] Stop bit check:
The SCI checks whether the stop bit is 1.
If there are two stop bits, only the first is checked.
[c] Status check:
The SCI checks whether the RDRF flag is 0, indicating that the receive data can be
transferred from RSR to RDR.
If all the above checks are passed, the RDRF flag is set to 1, and the receive data is stored in
RDR.
If a receive error* is detected in the error check, the operation is as shown in table 12.11.
Note: *
Subsequent receive operations cannot be performed when a receive error has occurred.
Also note that the RDRF flag is not set to 1 in reception, and so the error flags must be
cleared to 0.
[4] If the RIE bit in SCR is set to 1 when the RDRF flag changes to 1, a receive data full interrupt
(RXI) request is generated.
Also, if the RIE bit in SCR is set to 1 when the ORER, PER, or FER flag changes to 1, a
receive error interrupt (ERI) request is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com