Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 496Page - Renesas Technology Corp H8S2245 Datasheet HTML 497Page - Renesas Technology Corp H8S2245 Datasheet HTML 498Page - Renesas Technology Corp H8S2245 Datasheet HTML 499Page - Renesas Technology Corp H8S2245 Datasheet HTML 500Page - Renesas Technology Corp H8S2245 Datasheet HTML 501Page - Renesas Technology Corp H8S2245 Datasheet HTML 502Page - Renesas Technology Corp H8S2245 Datasheet HTML 503Page - Renesas Technology Corp H8S2245 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 458 of 772
REJ09B0355-0300
Transfer direction
Bit 0
Serial data
Serial clock
1 frame
TDRE
TEND
Bit 1
Bit 7
Bit 0
Bit 1
Bit 7
Bit 6
Data written to TDR
and TDRE flag
cleared to 0 in TXI
interrupt service routine
TEI interrupt
request generated
TXI interrupt
request generated
TXI interrupt
request generated
Figure 12.17 Example of SCI Operation in Transmission
Serial data reception (clocked synchronous mode): Figure 12.18 shows a sample flowchart for
serial reception.
The following procedure should be used for serial data reception.
When changing the operating mode from asynchronous to clocked synchronous, be sure to check
that the ORER, PER, and FER flags are all cleared to 0.
The RDRF flag will not be set if the FER or PER flag is set to 1, and neither transmit nor receive
operations will be possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com