Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 607 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 607 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 603Page - Renesas Technology Corp H8S2245 Datasheet HTML 604Page - Renesas Technology Corp H8S2245 Datasheet HTML 605Page - Renesas Technology Corp H8S2245 Datasheet HTML 606Page - Renesas Technology Corp H8S2245 Datasheet HTML 607Page - Renesas Technology Corp H8S2245 Datasheet HTML 608Page - Renesas Technology Corp H8S2245 Datasheet HTML 609Page - Renesas Technology Corp H8S2245 Datasheet HTML 610Page - Renesas Technology Corp H8S2245 Datasheet HTML 611Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 565 of 772
REJ09B0355-0300
18.6.3
Setting Oscillation Stabilization Time after Clearing Software Standby Mode
Bits STS2 to STS0 in SBYCR should be set as described below.
Using a Crystal Oscillator
Set bits STS2 to STS0 so that the standby time is at least 8 ms (the oscillation stabilization time).
Table 18.4 shows the standby times for different operating frequencies and settings of bits STS2 to
STS0.
Table 18.4
Oscillation Stabilization Time Settings
STS2 STS1 STS0 Standby Time
20
MHz
16
MHz
12
MHz
10
MHz
8
MHz
6
MHz
4
MHz
2
MHz
Unit
0
0
0
8192 states
0.41
0.51
0.68 0.82
1.0
1.4
2.0
4.1
ms
1
16384 states
0.82
1.0
1.4
1.6
2.0
2.7
4.1
8.2
1
0
32768 states
1.6
2.0
2.7
3.3
4.1
5.5
8.2
16.4
1
65536 states
3.3
4.1
5.5
6.6
8.2
10.9 16.4
32.8
1
0
0
131072 states
6.6
8.2
10.9 13.1 16.4
21.8 32.8
65.5
1
262144 states
13.1
16.4
21.8 26.2
32.8
43.7 65.5
131.1
1
0
Reserved
———
———
——
—
1
16 states
0.8
1.0
1.3
1.6
2.0
2.7
4.0
8.0
µs
: Recommended time setting
Using an External Clock
Any value can be set. Normally, use of the minimum time is recommended.
18.6.4
Software Standby Mode Application Example
Figure 18.2 shows an example in which a transition is made to software standby mode at the
falling edge on the NMI pin, and software standby mode is cleared at the rising edge on the NMI
pin.
In this example, an NMI interrupt is accepted with the NMIEG bit in SYSCR cleared to 0 (falling
edge specification), then the NMIEG bit is set to 1 (rising edge specification), the SSBY bit is set
to 1, and a SLEEP instruction is executed, causing a transition to software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com