Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 688 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 688 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 684Page - Renesas Technology Corp H8S2245 Datasheet HTML 685Page - Renesas Technology Corp H8S2245 Datasheet HTML 686Page - Renesas Technology Corp H8S2245 Datasheet HTML 687Page - Renesas Technology Corp H8S2245 Datasheet HTML 688Page - Renesas Technology Corp H8S2245 Datasheet HTML 689Page - Renesas Technology Corp H8S2245 Datasheet HTML 690Page - Renesas Technology Corp H8S2245 Datasheet HTML 691Page - Renesas Technology Corp H8S2245 Datasheet HTML 692Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 646 of 772
REJ09B0355-0300
CRA—DTC Transfer Count Register A
H'F800—H'FBFF
DTC
15
Bit
Initial value
Read/Write
:
:
:
14
13
12
11
10
9
8
76543210
CRAH
CRAL
Specifies the number of DTC data transfers
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
——
—
—
—
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
——
—
—
—
Unde-
fined
—
CRB—DTC Transfer Count Register B
H'F800—H'FBFF
DTC
15
14
13
12
11
10
9
8
76543210
Specifies the number of DTC block data transfers
Bit
Initial value
Read/Write
:
:
:
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
——
—
—
—
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
Unde-
fined
——
—
—
—
Unde-
fined
—
P1DDR—Port 1 Data Direction Register
H'FEB0
Port 1
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
0
P10DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
Bit
Initial value
Read/Write
:
:
:
Specify input or output for individual port 1 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com