Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 710 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 710 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 706Page - Renesas Technology Corp H8S2245 Datasheet HTML 707Page - Renesas Technology Corp H8S2245 Datasheet HTML 708Page - Renesas Technology Corp H8S2245 Datasheet HTML 709Page - Renesas Technology Corp H8S2245 Datasheet HTML 710Page - Renesas Technology Corp H8S2245 Datasheet HTML 711Page - Renesas Technology Corp H8S2245 Datasheet HTML 712Page - Renesas Technology Corp H8S2245 Datasheet HTML 713Page - Renesas Technology Corp H8S2245 Datasheet HTML 714Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 668 of 772
REJ09B0355-0300
P1DR—Port 1 Data Register
H'FF60
Port 1
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
0
P10DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
Stores output data for port 1 pins (P17 to P10)
Bit
Initial value
Read/Write
:
:
:
P2DR—Port 2 Data Register
H'FF61
Port 2
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
0
P20DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
Stores output data for port 2 pins (P27 to P20)
Bit
Initial value
Read/Write
:
:
:
P3DR—Port 3 Data Register
H'FF62
Port 3
7
—
Undefined
—
6
—
Undefined
—
5
P35DR
0
R/W
4
P34DR
0
R/W
3
P33DR
0
R/W
0
P30DR
0
R/W
2
P32DR
0
R/W
1
P31DR
0
R/W
Stores output data for port 3 pins (P35 to P30)
Bit
Initial value
Read/Write
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com