Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 711Page - Renesas Technology Corp H8S2245 Datasheet HTML 712Page - Renesas Technology Corp H8S2245 Datasheet HTML 713Page - Renesas Technology Corp H8S2245 Datasheet HTML 714Page - Renesas Technology Corp H8S2245 Datasheet HTML 715Page - Renesas Technology Corp H8S2245 Datasheet HTML 716Page - Renesas Technology Corp H8S2245 Datasheet HTML 717Page - Renesas Technology Corp H8S2245 Datasheet HTML 718Page - Renesas Technology Corp H8S2245 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 673 of 772
REJ09B0355-0300
PEPCR—Port E MOS Pull-Up Control Register
H'FF74
Port E
7
PE7PCR
0
R/W
6
PE6PCR
0
R/W
5
PE5PCR
0
R/W
4
PE4PCR
0
R/W
3
PE3PCR
0
R/W
0
PE0PCR
0
R/W
2
PE2PCR
0
R/W
1
PE1PCR
0
R/W
Controls the MOS input pull-up function incorporated into port E on a bit-by-bit basis
Bit
Initial value
Read/Write
:
:
:
P3ODR—Port 3 Open Drain Control Register
H'FF76
Port 3
7
—
Undefined
—
6
—
Undefined
—
5
P35ODR
0
R/W
4
P34ODR
0
R/W
3
P33ODR
0
R/W
0
P30ODR
0
R/W
2
P32ODR
0
R/W
1
P31ODR
0
R/W
Controls the PMOS on/off status for each port 3 pin (P35 to P30)
Bit
Initial value
Read/Write
:
:
:
PAODR—Port A Open Drain Control Register
H'FF77
Port A
7
—
Undefined
—
6
—
Undefined
—
5
—
Undefined
—
4
—
Undefined
—
3
PA3ODR
0
R/W
0
PA0ODR
0
R/W
2
PA2ODR
0
R/W
1
PA1ODR
0
R/W
Controls the PMOS on/off status for
each port A pin (PA3 to PA0)
Bit
Initial value
Read/Write
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com