Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 720 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 720 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 716Page - Renesas Technology Corp H8S2245 Datasheet HTML 717Page - Renesas Technology Corp H8S2245 Datasheet HTML 718Page - Renesas Technology Corp H8S2245 Datasheet HTML 719Page - Renesas Technology Corp H8S2245 Datasheet HTML 720Page - Renesas Technology Corp H8S2245 Datasheet HTML 721Page - Renesas Technology Corp H8S2245 Datasheet HTML 722Page - Renesas Technology Corp H8S2245 Datasheet HTML 723Page - Renesas Technology Corp H8S2245 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 678 of 772
REJ09B0355-0300
SCR0—Serial Control Register 0
H'FF7A
Smart Card Interface 0
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
SMCR
SMIF
0
1
1
1
1
1
1
0
0
1
1
1
1
0
0
0
0
1
1
0
1
0
1
0
1
SMR
C/
A,GM CKE1 CKE0
See SCI specification
SCK pin function
Clock Enable
SCR setting
0
1
Transmit end interrupt (TEI) request disabled
Transmit end interrupt (TEI) request enabled
Transmit End Interrupt Enable
0
Multiprocessor interrupts disabled
[Clearing conditions]
• When the MPIE bit is cleared to 0
• When MPB = 1 data is received
Multiprocessor Interrupt Enable
0
1
Reception disabled
Reception enabled
Receive Enable
0
1
Transmission disabled
Transmission enabled
Transmit Enable
0
Receive data full interrupt (RXI) request and
receive error interrupt (ERI) request disabled
Receive Interrupt Enable
0
1
Transmit data empty interrupt (TXI) requests disabled
Transmit data empty interrupt (TXI) requests enabled
Transmit Interrupt Enable
Bit
Initial value
Read/Write
:
:
:
Multiprocessor interrupts enabled
Receive interrupt (RXI) requests, receive error interrupt (ERI)
requests, and setting of the RDRF, FER, and ORER flags in
SSR are disabled until data with the multiprocessor bit set to 1
is received
1
1
Receive data full interrupt (RXI) request and
receive error interrupt (ERI) request enabled
Operates as port input
pin
Clock output as SCK
output pin
Fixed-low output as
SCK output pin
Clock output as SCK
output pin
Fixed-high output as
SCK output pin
Clock output as SCK
output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com