Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 764 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 764 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 760Page - Renesas Technology Corp H8S2245 Datasheet HTML 761Page - Renesas Technology Corp H8S2245 Datasheet HTML 762Page - Renesas Technology Corp H8S2245 Datasheet HTML 763Page - Renesas Technology Corp H8S2245 Datasheet HTML 764Page - Renesas Technology Corp H8S2245 Datasheet HTML 765Page - Renesas Technology Corp H8S2245 Datasheet HTML 766Page - Renesas Technology Corp H8S2245 Datasheet HTML 767Page - Renesas Technology Corp H8S2245 Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 818 page
background image
Appendix B Register Field
Rev.3.00 Mar. 26, 2007 Page 722 of 772
REJ09B0355-0300
TSR1—Timer Status Register 1
H'FFE5
TPU1
7
TCFD
1
R
6
—
1
—
5
TCFU
0
R/(W)*1
4
TCFV
0
R/(W)*1
3
—
0
—
0
TGFA
0
R/(W)*1
2
—
0
—
1
TGFB
0
R/(W)*1
0
1
TCNT counts down
TCNT counts up
Count Direction Flag
0
Underflow Flag
1
0
Overflow Flag
1
0
TGRB Capture/Output Compare Flag
1
0
[Clearing conditions]
• When DTC is activated by TGIA interrupt while
DISEL bit of MRB in DTC*2 is 0.
• When 0 is written to TGFA after reading
TGFA = 1
TGRA Input Capture/Output Compare Flag
1
Notes: 1. Can only be written with 0 for flag clearing.
2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0.
Bit
Initial value
Read/Write
:
:
:
[Setting conditions]
• When TCNT = TGRA while TGRA is function-
ing as output compare register
• When TCNT value is transferred to TGRA by
input capture signal while TGRA is functioning
as input capture register
[Clearing conditions]
• When DTC*2 is activated by TGIB interrupt while DISEL
bit of MRB in DTC is 0.
• When 0 is written to TGFB after reading TGFB = 1
[Setting conditions]
• When TCNT = TGRB while TGRB is functioning as
output compare register
• When TCNT value is transferred to TGRB by input
capture signal while TGRB is functioning as input
capture register
[Clearing condition]
When 0 is written to TCFV after reading TCFV = 1
[Setting condition]
When the TCNT value overflows (changes from H'FFFF to H'0000 )
[Clearing condition]
When 0 is written to TCFU after reading TCFU = 1
[Setting condition]
When the TCNT value underflows (changes from H'0000 to H'FFFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com