Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 99Page - Renesas Technology Corp H8S2245 Datasheet HTML 100Page - Renesas Technology Corp H8S2245 Datasheet HTML 101Page - Renesas Technology Corp H8S2245 Datasheet HTML 102Page - Renesas Technology Corp H8S2245 Datasheet HTML 103Page - Renesas Technology Corp H8S2245 Datasheet HTML 104Page - Renesas Technology Corp H8S2245 Datasheet HTML 105Page - Renesas Technology Corp H8S2245 Datasheet HTML 106Page - Renesas Technology Corp H8S2245 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 61 of 772
REJ09B0355-0300
2.8.4
Program Execution State
In this state the CPU executes program instructions in sequence.
2.8.5
Bus-Released State
This is a state in which the bus has been released in response to a bus request from a bus master
other than the CPU. While the bus is released, the CPU halts except for internal operations.
There is one bus masters other than the CPU — the data transfer controller (DTC).
For further details, refer to section 6, Bus Controller.
2.8.6
Power-Down State
The power-down state includes both modes in which the CPU stops operating and modes in which
the CPU does not stop. There are three modes in which the CPU stops operating: sleep mode,
software standby mode, and hardware standby mode. There are also two other power-down
modes: medium-speed mode, and module stop mode. In medium-speed mode the CPU and other
bus masters operate on a medium-speed clock. Module stop mode permits halting of the operation
of individual modules, other than the CPU. For details, refer to section 18, Power-Down Modes.
Sleep Mode: A transition to sleep mode is made if the SLEEP instruction is executed while the
software standby bit (SSBY) in the standby control register (SBYCR) is cleared to 0. In sleep
mode, CPU operations stop immediately after execution of the SLEEP instruction. The contents of
CPU registers are retained.
Software Standby Mode: A transition to software standby mode is made if the SLEEP
instruction is executed while the SSBY bit in SBYCR is set to 1. In software standby mode, the
CPU and clock halt and all MCU operations stop. As long as a specified voltage is supplied, the
contents of CPU registers and on-chip RAM are retained. The I/O ports also remain in their
existing states.
Hardware Standby Mode: A transition to hardware standby mode is made when the
STBY pin
goes low. In hardware standby mode, the CPU and clock halt and all MCU operations stop. The
on-chip supporting modules are reset, but as long as a specified voltage is supplied, on-chip RAM
contents are retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com