Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 118Page - Renesas Technology Corp H8S2245 Datasheet HTML 119Page - Renesas Technology Corp H8S2245 Datasheet HTML 120Page - Renesas Technology Corp H8S2245 Datasheet HTML 121Page - Renesas Technology Corp H8S2245 Datasheet HTML 122Page - Renesas Technology Corp H8S2245 Datasheet HTML 123Page - Renesas Technology Corp H8S2245 Datasheet HTML 124Page - Renesas Technology Corp H8S2245 Datasheet HTML 125Page - Renesas Technology Corp H8S2245 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 80 of 772
REJ09B0355-0300
Modes 4 and 5
(advanced expanded modes
with on-chip ROM disabled)
Mode 6
(advanced expanded mode
with on-chip ROM enabled)
Mode 7
(advanced single-chip mode)
External address
space
On-chip ROM
On-chip RAM*3
Notes:
Internal I/O registers
On-chip ROM
External address
space
External address
space
On-chip RAM*3
On-chip RAM
Internal I/O registers
Internal I/O registers
Internal I/O registers
Internal I/O registers
External address
space
External address
space
Internal I/O registers
External address
space
H'000000
H'000000
H'000000
H'01FFFF
H'020000
H'FFDC00
H'FFFBFF
H'FFFC00
H'FFFFFF
H'FFDC00
H'FFFBFF
H'FFFC00
H'FFFFFF
H'01FFFF
H'FFDC00
H'FFFBFF
H'FFFFFF
H'FFFF08
H'FFFF08
H'FFFE40
H'FFFF07
H'FFFF28
H'FFFF28
H'FFFF28
On-chip ROM/
external address
space*1
On-chip ROM/
reserved area*2
H'FFFE3F
H'FFFE3F
H'00FFFF
H'010000
H'00FFFF
H'010000
When the EAE bit in BCRL is set to 1, this area is external address space. When the EAE
bit is cleared to 0, it is on-chip ROM.
This area is reserved when the EAE bit in BCRL is set to 1, and on-chip ROM when
the EAE bit is cleared to 0.
External addresses can be accessed by clearing the RAME bit in SYSCR to 0.
1.
2.
3.
Figure 3.1 H8S/2246 Memory Map in Each Operating Mode (cont)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com