Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 159Page - Renesas Technology Corp H8S2245 Datasheet HTML 160Page - Renesas Technology Corp H8S2245 Datasheet HTML 161Page - Renesas Technology Corp H8S2245 Datasheet HTML 162Page - Renesas Technology Corp H8S2245 Datasheet HTML 163Page - Renesas Technology Corp H8S2245 Datasheet HTML 164Page - Renesas Technology Corp H8S2245 Datasheet HTML 165Page - Renesas Technology Corp H8S2245 Datasheet HTML 166Page - Renesas Technology Corp H8S2245 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 818 page
background image
Section 5 Interrupt Controller
Rev.3.00 Mar. 26, 2007 Page 121 of 772
REJ09B0355-0300
5.4.3
Interrupt Control Mode 1
Three-level masking is implemented for IRQ interrupts and on-chip supporting module interrupts
by means of the I and UI bits in the CPU's CCR, and ICR.
• Control level 0 interrupt requests are enabled when the I bit is cleared to 0, and disabled when
set to 1.
• Control level 1 interrupt requests are enabled when the I bit or UI bit is cleared to 0, and
disabled when both the I bit and the UI bit are set to 1.
For example, if the interrupt enable bit for an interrupt request is set to 1, and H'20, H'00, and H'00
are set in ICRA, ICRB, and ICRC, respectively, (i.e. IRQ2 and IRQ3 interrupts are set to control
level 1 and other interrupts to control level 0), the situation is as follows:
• When I = 0, all interrupts are enabled
(Priority order: NMI > IRQ2 > IRQ3 > IRQ0 ...)
• When I = 1 and UI = 0, only NMI, IRQ2, and IRQ3 interrupts are enabled
• When I = 1 and UI = 1, only NMI interrupts are enabled
Figure 5.6 shows the state transitions in these cases.
Only NMI interrupts enabled
All interrupts enabled
Exception handling execution
or I
← 1, UI ← 1
I
← 0
I
← 1, UI ← 0
I
← 0
UI
← 0
Exception handling execution
or UI
← 1
Only NMI, IRQ2, and
IRQ3 interrupts enabled
Figure 5.6 Example of State Transitions in Interrupt Control Mode 1
Figure 5.7 shows a flowchart of the interrupt acceptance operation in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com