Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 220Page - Renesas Technology Corp H8S2245 Datasheet HTML 221Page - Renesas Technology Corp H8S2245 Datasheet HTML 222Page - Renesas Technology Corp H8S2245 Datasheet HTML 223Page - Renesas Technology Corp H8S2245 Datasheet HTML 224Page - Renesas Technology Corp H8S2245 Datasheet HTML 225Page - Renesas Technology Corp H8S2245 Datasheet HTML 226Page - Renesas Technology Corp H8S2245 Datasheet HTML 227Page - Renesas Technology Corp H8S2245 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 182 of 772
REJ09B0355-0300
7.2.2
DTC Mode Register B (MRB)
7
CHNE
6
DISEL
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Initial value
:
:
R/W
:
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
MRB is an 8-bit register that controls the DTC operating mode.
Bit 7—DTC Chain Transfer Enable (CHNE): Specifies chain transfer. With chain transfer, a
number of data transfers can be performed consecutively in response to a single transfer request.
In data transfer with CHNE set to 1, determination of the end of the specified number of transfers,
clearing of the interrupt source flag, and clearing of DTCER is not performed.
Bit 7
CHNE
Description
0
End of DTC data transfer (activation waiting state is entered)
1
DTC chain transfer (new register information is read, then data is transferred)
Bit 6—DTC Interrupt Select (DISEL): Specifies whether interrupt requests to the CPU are
disabled or enabled after a data transfer.
Bit 6
DISEL
Description
0
After a data transfer ends, the CPU interrupt is disabled unless the transfer counter is
0 (the DTC clears the interrupt source flag of the activating interrupt to 0)
1
After a data transfer ends, the CPU interrupt is enabled (the DTC does not clear the
interrupt source flag of the activating interrupt to 0)
Bits 5 to 0—Reserved: These bits have no effect on DTC operation, and should always be written
with 0 in a write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com