Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 241Page - Renesas Technology Corp H8S2245 Datasheet HTML 242Page - Renesas Technology Corp H8S2245 Datasheet HTML 243Page - Renesas Technology Corp H8S2245 Datasheet HTML 244Page - Renesas Technology Corp H8S2245 Datasheet HTML 245Page - Renesas Technology Corp H8S2245 Datasheet HTML 246Page - Renesas Technology Corp H8S2245 Datasheet HTML 247Page - Renesas Technology Corp H8S2245 Datasheet HTML 248Page - Renesas Technology Corp H8S2245 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 203 of 772
REJ09B0355-0300
7.3.11
Procedures for Using DTC
Activation by Interrupt
The procedure for using the DTC with interrupt activation is as follows:
[1] Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in the on-chip RAM.
[2] Set the start address of the register information in the DTC vector address.
[3] Set the corresponding bit in DTCER to 1.
[4] Set the enable bits for the interrupt sources to be used as the activation sources to 1. The DTC
is activated when an interrupt used as an activation source is generated.
[5] After the end of one data transfer, or after the specified number of data transfers have ended,
the DTCE bit is cleared to 0 and a CPU interrupt is requested. If the DTC is to continue
transferring data, set the DTCE bit to 1.
Activation by Software
The procedure for using the DTC with software activation is as follows:
[1] Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in the on-chip RAM.
[2] Set the start address of the register information in the DTC vector address.
[3] Check that the SWDTE bit is 0.
[4] Write 1 to SWDTE bit and the vector number to DTVECR.
[5] Check the vector number written to DTVECR.
[6] After the end of one data transfer, if the DISEL bit is 0 and a CPU interrupt is not requested,
the SWDTE bit is cleared to 0. If the DTC is to continue transferring data, set the SWDTE bit
to 1. When the DISEL bit is 1, or after the specified number of data transfers have ended, the
SWDTE bit is held at 1 and a CPU interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com