Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 300Page - Renesas Technology Corp H8S2245 Datasheet HTML 301Page - Renesas Technology Corp H8S2245 Datasheet HTML 302Page - Renesas Technology Corp H8S2245 Datasheet HTML 303Page - Renesas Technology Corp H8S2245 Datasheet HTML 304Page - Renesas Technology Corp H8S2245 Datasheet HTML 305Page - Renesas Technology Corp H8S2245 Datasheet HTML 306Page - Renesas Technology Corp H8S2245 Datasheet HTML 307Page - Renesas Technology Corp H8S2245 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 262 of 772
REJ09B0355-0300
Port D MOS Pull-Up Control Register (PDPCR)
7
PD7PCR
0
R/W
6
PD6PCR
0
R/W
5
PD5PCR
0
R/W
4
PD4PCR
0
R/W
3
PD3PCR
0
R/W
0
PD0PCR
0
R/W
2
PD2PCR
0
R/W
1
PD1PCR
0
R/W
Bit
Initial value
R/W
:
:
:
PDPCR is an 8-bit readable/writable register that controls the MOS input pull-up function
incorporated into port D on an individual bit basis.
When a PDDDR bit is cleared to 0 (input port setting) in mode 3 or 7, setting the corresponding
PDPCR bit to 1 turns on the MOS input pull-up for the corresponding pin.
PDPCR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its
prior state after a manual reset, and in software standby mode.
8.10.3
Pin Functions
Modes 1, 2, 4, 5, and 6
In modes 1, 2, 4, 5, and 6, port D pins are automatically designated as data I/O pins.
Note:
Modes 2 and 6 cannot be used in the H8S/2240.
Port D pin functions in modes 1, 2, 4, 5, and 6 are shown in figure 8.19.
D15
D14
D13
D12
D11
D10
D9
D8
Port D
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
(I/O)
Figure 8.19 Port D Pin Functions (Modes 1, 2, 4, 5, and 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com