Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 349Page - Renesas Technology Corp M32C/86T Datasheet HTML 350Page - Renesas Technology Corp M32C/86T Datasheet HTML 351Page - Renesas Technology Corp M32C/86T Datasheet HTML 352Page - Renesas Technology Corp M32C/86T Datasheet HTML 353Page - Renesas Technology Corp M32C/86T Datasheet HTML 354Page - Renesas Technology Corp M32C/86T Datasheet HTML 355Page - Renesas Technology Corp M32C/86T Datasheet HTML 356Page - Renesas Technology Corp M32C/86T Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 505 page
background image
Page 330
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Time Stamp Register (i=0, 1)
Symbol
Address
After Reset(1)
C0TSR
020916 - 020816
000016
C1TSR
028916 - 028816
000016
RW
Function
Value of time stamp
RO
b15
b8
b7
b0
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
23.1.8 CANi Time Stamp Register (CiTSR Register) (i=0, 1)
Figure 23.10 C0TSR and C1TSR Registers
The CiTSR register is a 16-bit counter. The TSPRE1 and TSPRE0 bits in the CiCTLR0 register select
the CAN bus bit clock divided by 1, 2, 3 or 4 as the count source for the CiTSR register.
When data transmission or reception is completed, the value of the CiTSR register is automatically
stored into the message slot.
In loopback mode, when either data frame receive message slot or remote frame receive message
slot is available to store the message, the value of the CiTSR register is also stored into the message
slot when data reception is completed. The value of the CiTSR register is not stored when data
transmission is completed.
The CiTSR register starts a counter increment when the RESET1 and RESET0 bits in the CiCTLR0
register are set to "0".
The CiTSR register is set to "000016":
• at the next count timing after the CiTSR register is set to "FFFF16";
• when the RESET1 and RESET0 bits are set to "1" (CAN module reset) by program; or
• when the TSRESET bit is set to "1" (CiTSR register reset) by program.
CAN bus bit clock =
1
CAN bit time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com