Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 351Page - Renesas Technology Corp M32C/86T Datasheet HTML 352Page - Renesas Technology Corp M32C/86T Datasheet HTML 353Page - Renesas Technology Corp M32C/86T Datasheet HTML 354Page - Renesas Technology Corp M32C/86T Datasheet HTML 355Page - Renesas Technology Corp M32C/86T Datasheet HTML 356Page - Renesas Technology Corp M32C/86T Datasheet HTML 357Page - Renesas Technology Corp M32C/86T Datasheet HTML 358Page - Renesas Technology Corp M32C/86T Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 505 page
background image
Page 332
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Slot Interrupt Status Register (i=0, 1)
Symbol
Address
After Reset(1)
C0SISTR
020D16 - 020C16
000016
C1SISTR
028D16 - 028C16
000016
RW
SIS15
SIS14
SIS13
SIS12
SIS11
SIS10
Message Slot 15 Interrupt
Request Status Bit
SIS9
SIS8
SIS7
SIS6
SIS5
Message Slot 14 Interrupt
Request Status Bit
Message Slot 13 Interrupt
Request Status Bit
Message Slot 12 Interrupt
Request Status Bit
Message Slot 11 Interrupt
Request Status Bit
Message Slot 10 Interrupt
Request Status Bit
Message Slot 9 Interrupt
Request Status Bit
Message Slot 8 Interrupt
Request Status Bit
Message Slot 7 Interrupt
Request Status Bit
Message Slot 6 Interrupt
Request Status Bit
Message Slot 5 Interrupt
Request Status Bit
Message Slot 4 Interrupt
Request Status Bit
Message Slot 3 Interrupt
Request Status Bit
Message Slot 2 Interrupt
Request Status Bit
Message Slot 1 Interrupt
Request Status Bit
Message Slot 0 Interrupt
Request Status Bit
SIS4
SIS3
SIS2
SIS1
SIS0
0: Requests no interrupt
1: Requests an interrupt
(2)
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Determines whether an interrupt of
a corresponding message slot is
requested or not.
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
2. Set to "0" by program. If it is set to "1", the value before setting to "1" remains.
(2)
b7
b0
b15
b8
23.1.11 CANi Slot Interrupt Status Register (CiSISTR Register) (i=0, 1)
Figure 23.13 C0SISTR and C1SISTR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com