Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 350Page - Renesas Technology Corp M32C/86T Datasheet HTML 351Page - Renesas Technology Corp M32C/86T Datasheet HTML 352Page - Renesas Technology Corp M32C/86T Datasheet HTML 353Page - Renesas Technology Corp M32C/86T Datasheet HTML 354Page - Renesas Technology Corp M32C/86T Datasheet HTML 355Page - Renesas Technology Corp M32C/86T Datasheet HTML 356Page - Renesas Technology Corp M32C/86T Datasheet HTML 357Page - Renesas Technology Corp M32C/86T Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 505 page
background image
Page 331
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.9 CANi Transmit Error Count Register (CiTEC Register) (i=0, 1)
CANi Transmit Error Count Register (i=0, 1)
Symbol
Address
After Reset(1)
C0TEC
020A16
0016
C1TEC
028A16
0016
RW
Function
Counter value of transmission errors
RO
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b0
CANi Receive Error Count Register (i=0, 1)
Symbol
Address
After Reset(1)
C0REC
020B16
0016
C1REC
028B16
0016
RW
Function
Counter value of receive error
RO
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b0
Figure 23.11 C0TEC and C1TEC Registers
In an error active or an error passive state, the counting value of a transmission error is stored into
the CiTEC register. The counter is decremented when the CAN module has transmitted data as
expected or is incremented when an transmit error occurs.
In a bus-off state, an indeterminate value is stored into the CiTEC register. The CiTEC register is set
to "0016" when the CAN module is placed in an error active state again.
23.1.10 CANi Receive Error Count Register (CiREC Register) (i=0, 1)
Figure 23.12 C0REC and C1REC Registers
In an error active or an error passive state, a counting value of the reception error is stored into the
CiREC register. The counter is decremented when the CAN module has received data as expected
or it is incremented when a receive error occurs.
The CiREC register is set to 127 when the CiREC register is 128 (error passive state) or more and
the CAN module has received as expected.
In a bus-off state, an indeterminate value is stored into the CiREC register. The CiREC register is set
to "0016" when the CAN module is placed in an error active state again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com