Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 393Page - Renesas Technology Corp M32C/86T Datasheet HTML 394Page - Renesas Technology Corp M32C/86T Datasheet HTML 395Page - Renesas Technology Corp M32C/86T Datasheet HTML 396Page - Renesas Technology Corp M32C/86T Datasheet HTML 397Page - Renesas Technology Corp M32C/86T Datasheet HTML 398Page - Renesas Technology Corp M32C/86T Datasheet HTML 399Page - Renesas Technology Corp M32C/86T Datasheet HTML 400Page - Renesas Technology Corp M32C/86T Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 505 page
background image
Page 374
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.8 PS2 Register and PS3 Register
Function
Function Select Register A2
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS2
03B416
00X0 00002
PS2_0
PS2_1
Port P80 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL2_0 bit
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Port P81 Output
Function Select Bit
PS2_2
(b4 - b3)
(b5)
(b7 - b6)
Port P82 Output
Function Select Bit
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
RW
RW
RW
RW
RW
RW
0 : I/O port
1 : Selected by the PSL2_1 bit
0 : I/O port
1 : Selected by the PSL2_2 bit
b7
b6
b5
b4
b3
b2
b1
b0
00
00
Function
Function Select Register A3(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS3
03B516
0016
PS3_0
PS3_1
Port P90 Output
Function Select Bit
PS3_3
PS3_4
PS3_5
PS3_7
0 : I/O port
1 : CLK3 output
0 : I/O port
1 : RTS3
0 : I/O port
1 : CLK4 output
Port P91 Output
Function Select Bit
Port P93 Output
Function Select Bit
Port P94 Output
Function Select Bit
Port P95 Output
Function Select Bit
Port P97 Output
Function Select Bit
PS3_6
0 : I/O port
1 : Selected by the PSC3_6 bit
Port P96 Output
Function Select Bit
PS3_2
Port P92 Output
Function Select Bit
0 : I/O port
1 : RTS4
0 : I/O port
1 : Selected by the PSL3_1 bit
0 : I/O port
1 : Selected by the PSL3_2 bit
0 : I/O port
1 : Selected by the PSL3_7 bit
NOTES:
1. Set the PS3 register immediately after the PRC2 bit in the PRCR register is set to "1" (write enable). Do
not generate an interrupt or a DMA transfer between the instruction to set the PRC2 bit to "1" and the
instruction to set the PS3 register.
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com