Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 394Page - Renesas Technology Corp M32C/86T Datasheet HTML 395Page - Renesas Technology Corp M32C/86T Datasheet HTML 396Page - Renesas Technology Corp M32C/86T Datasheet HTML 397Page - Renesas Technology Corp M32C/86T Datasheet HTML 398Page - Renesas Technology Corp M32C/86T Datasheet HTML 399Page - Renesas Technology Corp M32C/86T Datasheet HTML 400Page - Renesas Technology Corp M32C/86T Datasheet HTML 401Page - Renesas Technology Corp M32C/86T Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 505 page
background image
Page 375
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.9 PS5 Register and PS6 Register
Function
Function Select Register A5
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS5
03B916
XXX0 00002
RW
PS5_0
PS5_1
Port P110 Output
Function Select Bit
0 : I/O port
1 : OUTC10/ ISTXD1/BE1OUT
0 : I/O port
1 : OUTC11/ ISCLK1 output
Port P111 Output
Function Select Bit
PS5_2
Port P112 Output
Function Select Bit
0 : I/O port
1 : OUTC12
PS5_3
(b4)
(b7 - b5)
Port P113 Output
Function Select Bit
0 : I/O port
1 : OUTC13
Reserved Bit
Set to "0"
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
0
Function
Function Select Register A6
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS6
03BC16
0016
PS6_0
PS6_1
Port P120 Output
Function Select Bit
PS6_3
PS6_4
PS6_5
PS6_7
0 : I/O port
1 : Selected by the PSL6_0 bit
0 : I/O port
1 : Selected by the PSL6_3 bit
0 : I/O port
1 : Selected by the PSL6_5 bit
Port P121 Output
Function Select Bit
Port P123 Output
Function Select Bit
Port P124 Output
Function Select Bit
Port P125 Output
Function Select Bit
Port P127 Output
Function Select Bit
PS6_6
0 : I/O port
1 : Selected by the PSL6_6 bit
Port P126 Output
Function Select Bit
PS6_2
Port P122 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL6_4 bit
0 : I/O port
1 : Selected by the PSL6_1 bit
0 : I/O port
1 : Selected by the PSL6_2 bit
0 : I/O port
1 : Selected by the PSL6_7 bit
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com