Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 395Page - Renesas Technology Corp M32C/86T Datasheet HTML 396Page - Renesas Technology Corp M32C/86T Datasheet HTML 397Page - Renesas Technology Corp M32C/86T Datasheet HTML 398Page - Renesas Technology Corp M32C/86T Datasheet HTML 399Page - Renesas Technology Corp M32C/86T Datasheet HTML 400Page - Renesas Technology Corp M32C/86T Datasheet HTML 401Page - Renesas Technology Corp M32C/86T Datasheet HTML 402Page - Renesas Technology Corp M32C/86T Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 505 page
background image
Page 376
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.10 PS7 Register and PS8 Register
Function
Function Select Register A7
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS7
03BD16
0016
PS7_0
PS7_1
Port P130 Output
Function Select Bit
PS7_3
PS7_4
PS7_5
PS7_7
0 : I/O port
1 : Selected by the PSL7_0 bit
0 : I/O port
1 : Selected by the PSL7_3 bit
0 : I/O port
1 : Selected by the PSL7_5 bit
Port P131 Output
Function Select Bit
Port P133 Output
Function Select Bit
Port P134 Output
Function Select Bit
Port P135 Output
Function Select Bit
Port P137 Output
Function Select Bit
PS7_6
0 : I/O port
1 : Selected by the PSL7_6 bit
Port P136 Output
Function Select Bit
PS7_2
Port P132 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL7_4 bit
0 : I/O port
1 : Selected by the PSL7_1 bit
0 : I/O port
1 : Selected by the PSL7_2 bit
0 : I/O port
1 : Selected by the PSL7_7 bit
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Function Select Register A8
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS8
03A016
X000 00002
PS8_0
PS8_1
Port P140 output
function select bit
0 : I/O port
1 : OUTC14
0 : I/O port
1 : OUTC15
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Port P141 output
function select bit
PS8_2
Port P142 output
function select bit
0 : I/O port
1 : OUTC16
0 : I/O port
1 : OUTC17
PS8_3
(b6 - b4)
(b7)
Port P143 output
function select bit
0
0
0
Reserved bit
Set to "0"
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com