Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 399Page - Renesas Technology Corp M32C/86T Datasheet HTML 400Page - Renesas Technology Corp M32C/86T Datasheet HTML 401Page - Renesas Technology Corp M32C/86T Datasheet HTML 402Page - Renesas Technology Corp M32C/86T Datasheet HTML 403Page - Renesas Technology Corp M32C/86T Datasheet HTML 404Page - Renesas Technology Corp M32C/86T Datasheet HTML 405Page - Renesas Technology Corp M32C/86T Datasheet HTML 406Page - Renesas Technology Corp M32C/86T Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 505 page
background image
Page 380
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.14 PSL6 Register and PSL7 Register
Function
Function Select Register B6
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL6
03BE16
0016
PSL6_1
PSL6_3
PSL6_4
PSL6_5
PSL6_7
Port P121 Output Peripheral
Function Select Bit
Port P123 Output Peripheral
Function Select Bit
Port P124 Output Peripheral
Function Select Bit
Port P125 Output Peripheral
Function Select Bit
Port P127 Output Peripheral
Function Select Bit
PSL6_6
Port P126 Output Peripheral
Function Select Bit
PSL6_2
Port P122 Output Peripheral
Function Select Bit
RW
RW
RW
RW
RW
RW
RW
RW
RW
PSL6_0
Port P120 Output Peripheral
Function Select Bit
0 : Do not set to this value
1 : GASP0 output
0 : Do not set to this value
1 : GASM0 output
0 : Do not set to this value
1 : GACP0 output
0 : Do not set to this value
1 : GACM0 output
0 : Do not set to this value
1 : GASP1 output
0 : Do not set to this value
1 : GASM1 output
0 : Do not set to this value
1 : GACP1 output
0 : Do not set to this value
1 : GACM1 output
b7
b6
b5
b4
b3
b2
b1
b0
0
Function
Function Select Register B7
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL7
03BF16
0016
PSL7_1
PSL7_3
PSL7_4
PSL7_5
PSL7_7
Port P131 Output Peripheral
Function Select Bit
Port P133 Output Peripheral
Function Select Bit
Port P134 Output Peripheral
Function Select Bit
Port P135 Output Peripheral
Function Select Bit
Port P137 Output Peripheral
Function Select Bit
PSL7_6
Port P136 Output Peripheral
Function Select Bit
PSL7_2
Port P132 Output Peripheral
Function Select Bit
RW
RW
RW
RW
RW
RW
RW
RW
RW
PSL7_0
Port P130 Output Peripheral
Function Select Bit
0 : Do not set to this value
1 : GASP2 output
0 : Do not set to this value
1 : GASM2 output
0 : Do not set to this value
1 : GACP2 output
0 : Do not set to this value
1 : GACM2 output
0 : Do not set to this value
1 : GASP3 output
0 : Do not set to this value
1 : GASM3 output
0 : Do not set to this value
1 : GACP3 output
0 : Do not set to this value
1 : GACM3 output
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com