Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 402Page - Renesas Technology Corp M32C/86T Datasheet HTML 403Page - Renesas Technology Corp M32C/86T Datasheet HTML 404Page - Renesas Technology Corp M32C/86T Datasheet HTML 405Page - Renesas Technology Corp M32C/86T Datasheet HTML 406Page - Renesas Technology Corp M32C/86T Datasheet HTML 407Page - Renesas Technology Corp M32C/86T Datasheet HTML 408Page - Renesas Technology Corp M32C/86T Datasheet HTML 409Page - Renesas Technology Corp M32C/86T Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 505 page
background image
Page 383
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.17 PUR0 Register, PUR1 Register and PUR2 Register
Function
Pull-Up Control Register 0(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PUR0
03F016
0016
RW
PU00
PU01
PU02
P00 to P03 Pull-Up
PU03
PU04
PU05
PU07
PU06
P04 to P07 Pull-Up
P10 to P13 Pull-Up
P14 to P17 Pull-Up
P20 to P23 Pull-Up
P24 to P27 Pull-Up
P30 to P33 Pull-Up
P34 to P37 Pull-Up
Pull-up setting for corresponding port
0 : Not pulled up
1 : Pulled up
NOTES:
1. Set each bit in the PUR0 register to "0" when ports P0 to P5 become bus control pins in memory
expansion mode and microprocessor mode. When using the ports as I/O ports, pull-up or no
pull-up setting can be selected.
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Function
Pull-Up Control Register 1(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PUR1
03F116
XXXX 00002
RW
PU10
PU11
PU12
P40 to P43 Pull-Up
PU13
(b7 - b4)
P44 to P47 Pull-Up
P50 to P53 Pull-Up
P54 to P57 Pull-Up
Pull-up setting for corresponding port
0 : Not pulled up
1 : Pulled up
NOTES:
1. Set each bit in the PUR1 register to "0" when ports P0 to P5 become bus control pins in memory
expansion mode and microprocessor mode. When using the ports as I/O ports, pull-up or no
pull-up setting can be selected.
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Function
Pull-Up Control Register 2
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PUR2
03DA16
0016
RW
PU20
PU21
PU22
P60 to P63 Pull-Up
PU23
PU24
PU25
PU27
PU26
P64 to P67 Pull-Up
P72 to P73 Pull-Up(1)
P74 to P77 Pull-Up
P80 to P83 Pull-Up
P84 to P87 Pull-Up(2)
P90 to P93 Pull-Up
P94 to P97 Pull-Up
Pull-up setting for corresponding port
0 : Not pulled up
1 : Pulled up
NOTES:
1. P70 and P71 cannot be pulled up.
2. P85 cannot be pulled up.
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com