Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 398Page - Renesas Technology Corp M32C/86T Datasheet HTML 399Page - Renesas Technology Corp M32C/86T Datasheet HTML 400Page - Renesas Technology Corp M32C/86T Datasheet HTML 401Page - Renesas Technology Corp M32C/86T Datasheet HTML 402Page - Renesas Technology Corp M32C/86T Datasheet HTML 403Page - Renesas Technology Corp M32C/86T Datasheet HTML 404Page - Renesas Technology Corp M32C/86T Datasheet HTML 405Page - Renesas Technology Corp M32C/86T Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 505 page
background image
Page 379
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.13 PSL2 Register and PSL3 Register
Function
Function Select Register B2
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL2
03B616
00X0 00002
PSL2_0
PSL2_1
Port P80 Output Peripheral
Function Select Bit
0 : TA4OUT output
1 : U
Port P81 Output Peripheral
Function Select Bit
PSL2_2
(b4 - b3)
(b5)
(b7 - b6)
0 : Do not set to this value
1 : Selected by the PSC2_2 bit
Port P82 Output Peripheral
Function Select Bit
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
0 : U
1 : Selected by the PSC2_1 bit
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
0
00
0
Function
Function Select Register B3
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL3
03B716
0016
PSL3_1
(b0)
PSL3_3
PSL3_4
PSL3_5
PSL3_7
0 : SCL3 output
1 : STxD3
0 : Except DA0
1 : DA0(1)
0 : Except ANEX0
1 : ANEX0(1)
0 : SCL4 output
1 : STxD4
Port P91 Output Peripheral
Function Select Bit
Port P93 Output Peripheral
Function Select Bit
Port P94 Output Peripheral
Function Select Bit
Port P95 Output Peripheral
Function Select Bit
Port P97 Output Peripheral
Function Select Bit
PSL3_6
Port P96 Output Peripheral
Function Select Bit
PSL3_2
Port P92 Output Peripheral
Function Select Bit
0 : TxD3/SDA3 output
1 : Do not set to this value
RW
RW
RW
RW
RW
RW
RW
RW
RW
0 : Except DA1
1 : DA1(1)
0 : Except ANEX1
1 : ANEX1(1)
NOTES:
1. Although DA0, DA1, ANEX0 and ANEX1 can be used when this bit is set to "0", power consumption
may increase.
b7
b6
b5
b4
b3
b2
b1
b0
Reserved Bit
Set to "0"
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com