Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 401Page - Renesas Technology Corp M32C/86T Datasheet HTML 402Page - Renesas Technology Corp M32C/86T Datasheet HTML 403Page - Renesas Technology Corp M32C/86T Datasheet HTML 404Page - Renesas Technology Corp M32C/86T Datasheet HTML 405Page - Renesas Technology Corp M32C/86T Datasheet HTML 406Page - Renesas Technology Corp M32C/86T Datasheet HTML 407Page - Renesas Technology Corp M32C/86T Datasheet HTML 408Page - Renesas Technology Corp M32C/86T Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 505 page
background image
Page 382
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
Function Select Register C3
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSC3
03AD16
X0XX XXXX2
PSC3_6
(b5 - b0)
(b7)
Port P96 Output Peripheral
Function Select Bit
0 : TxD4/SDA4 output
1 : CAN1OUT
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Function
Function Select Register D1
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSD1
03A716
X0XX XX002
PSD1_6
Port P76 Output Peripheral
Function Select Bit
0 : ISTxD0
1 : OUTC13
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
PSD1_0
Port P70 Output Peripheral
Function Select Bit
0 : Do not set to this value
1 : OUTC16
RW
PSD1_1
(b5 - b2)
(b7)
Port P71 Output Peripheral
Function Select Bit
0 : Do not set to this value
1 : OUTC17
RW
b7
b6
b5
b4
b3
b2
b1
b0
Figure 24.16 PSC3 Register and PSD1 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com