Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 418Page - Renesas Technology Corp M32C/86T Datasheet HTML 419Page - Renesas Technology Corp M32C/86T Datasheet HTML 420Page - Renesas Technology Corp M32C/86T Datasheet HTML 421Page - Renesas Technology Corp M32C/86T Datasheet HTML 422Page - Renesas Technology Corp M32C/86T Datasheet HTML 423Page - Renesas Technology Corp M32C/86T Datasheet HTML 424Page - Renesas Technology Corp M32C/86T Datasheet HTML 425Page - Renesas Technology Corp M32C/86T Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 505 page
background image
Page 399
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.3.1 FMR00 Bit
The FMR00 bit indicates the flash memory operating state. It is set to "0" while the program, block
erase, erase all unlocked block, lock bit program, or read lock bit status command is being executed;
otherwise, it is set to "1".
25.3.3.2 FMR01 Bit
The microcomputer can accept commands when the FMR01 bit is set to "1" (CPU rewrite mode). Set
the FMR05 bit to "1" (user ROM area access) as well if in boot mode.
25.3.3.3 FMR02 Bit
The lock bit is invalid by setting the FMR02 bit to "1" (lock bit disabled). (Refer to 25.3.6 Data Protect
Function.) The lock bit is valid by setting the FMR02 bit to "0" (lock bit enabled).
The FMR02 bit does not change the lock bit status but disables the lock bit function. If the block erase
or erase all unlocked block command is executed when the FMR02 bit is set to "1", the lock bit status
changes "0" (locked) to "1" (unlocked) after command execution is completed.
Figure 25.5 FMR1 Register
Flash Memory Control Register 1
Symbol
Address
After Reset
FMR1
005516
0000 01012
RW
RO
RW
RO
RW
RW
RO
FMR11
(b0)
(b3 - b2)
(b5 - b4)
(b7)
FMR16
EW Mode Select Bit(1)
Lock Bit Status Flag
Bit Name
Function
Bit
Symbol
0 : EW mode 0
1 : EW mode 1
0 : Locked
1 : Unlocked
Reserved Bit
Reserved Bit
Set to "0"
Reserved Bit
Reserved Bit
NOTES:
1. Set the FMR11 bit to "1" in 8-bit unit immediately after setting it first to "0" while the FMR01 bit is set to "1".
Do not generate an interrupt or a DMA transfer between setting the FMR11 bit to "0" and setting it to "1".
Set it while the NMI pin is held "H".
If the FMR01 bit is set to "0", the FMR01 bit and FMR11 bit are both set to "0".
Set to "0"
When read,
its content is indeterminate
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com