Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 419Page - Renesas Technology Corp M32C/86T Datasheet HTML 420Page - Renesas Technology Corp M32C/86T Datasheet HTML 421Page - Renesas Technology Corp M32C/86T Datasheet HTML 422Page - Renesas Technology Corp M32C/86T Datasheet HTML 423Page - Renesas Technology Corp M32C/86T Datasheet HTML 424Page - Renesas Technology Corp M32C/86T Datasheet HTML 425Page - Renesas Technology Corp M32C/86T Datasheet HTML 426Page - Renesas Technology Corp M32C/86T Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 505 page
background image
Page 400
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.3.4 FMSTP Bit
The FMSTP bit initializes the flash memory control circuits and minimizes power consumption in the
flash memory. Access to the flash memory is disabled when the FMSTP bit is set to "1". Set the
FMSTP bit by program in a space other than the flash memory.
Set the FMSTP bit to "1" if one of the followings occurs:
• A flash memory access error occurs while erasing or programming in EW mode 0 (FMR00 bit does
not switch back to "1" (ready)).
• Low-power consumption mode or on-chip low-power consumption mode is entered.
Use the following the procedure to change the FMSTP bit setting.
(1) Set the FMSTP bit to "1"
(2) Set tps (the wait time to stabilize flash memory circuit)
(3) Set the FMSTP bit to "0"
(4) Set tps (the wait time to stabilize flash memory circuit)
Figure 25.8 shows a flow chart illustrating how to start and stop the flash memory before and after
entering low power mode. Follow the procedure on this flow chart.
When entering stop or wait mode, the flash memory is automatically turned off. When exiting stop or
wait mode, the flash memory is turned back on. The FMR0 register does not need to be set.
25.3.3.5 FMR05 Bit
The FMR05 bit selects the boot ROM or user ROM area in boot mode. Set to "0" to access (read) the
boot ROM area or to "1" (user ROM access) to access (read, write or erase) the user ROM area.
25.3.3.6 FMR06 Bit
The FMR06 bit is a read-only bit indicating an auto program operation state. The FMR06 bit is set to "1"
when a program error occurs; otherwise, it is set to "0". Refer to 25.3.8 Full Status Check.
25.3.3.7 FMR07 Bit
The FM07 bit is a read-only bit indicating the auto erase operation state. The FMR07 bit is set to "1"
when an erase error occurs; otherwise, it is set to “0”. For details, refer to 25.3.8 Full Status Check.
Figure 25.6 shows how to enter and exit EW mode 0. Figure 25.7 shows how to enter and exit EW
mode 1.
25.3.3.8 FMR11 Bit
EW mode 0 is entered by setting the FMR11 bit to "0" (EW mode 0).
EW mode 1 is entered by setting the FMR11 bit to "1" (EW mode 1).
25.3.3.9 FMR16 Bit
The FMR16 bit is a read-only bit indicating the execution result of the read lock bit status command.
When the block, where the read lock bit status command is executed, is locked, the FMR16 bit is set to "0".
When the block, where the read lock bit status command is executed, is unlocked, the FMR16 bit is set to "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com