Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 420Page - Renesas Technology Corp M32C/86T Datasheet HTML 421Page - Renesas Technology Corp M32C/86T Datasheet HTML 422Page - Renesas Technology Corp M32C/86T Datasheet HTML 423Page - Renesas Technology Corp M32C/86T Datasheet HTML 424Page - Renesas Technology Corp M32C/86T Datasheet HTML 425Page - Renesas Technology Corp M32C/86T Datasheet HTML 426Page - Renesas Technology Corp M32C/86T Datasheet HTML 427Page - Renesas Technology Corp M32C/86T Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 505 page
background image
Page 401
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Execute the read array command(3)
Single-chip mode, memory expansion
mode or boot mode
Set MCD and PM1 registers(1)
Execute the software commands
Jump to the rewrite control program transferred to
a space other than the flash memory. (In the
following steps, use the rewrite control program in
a space other than the flash memory)
Transfer the rewrite control program in CPU
rewrite mode to a space other than the flash
memory
In boot mode only
Set the FMR05 bit to "0" (boot ROM area
accessed)(4)
Set the FMR01 bit to "0"
(CPU rewrite mode disabled)(5)
In boot mode only
Set the FMR05 bit to "1"(user ROM area accessed)
Set the FMR01 bit to "1" (CPU rewrite mode
enabled) after writing "0"(2)
Procedure to Enter EW Mode 0
Rewrite control program
Jump to a desired address in the flash memory
NOTES:
1. In CPU rewrite mode, set the MCD register to be the 10-MHz CPU clock frequency or less and set the PM12
bit in the PM1 register to "1" (internal access wait).
2. To set the FMR01 bit to "1", set it to "1" in 8-bit unit immediately after setting it first to "0". Do not generate an
interrupt or a DMA transfer between setting the bit to "0" and setting it to "1". Set the FMR01 bit in a space
other than flash memory. Set the FMR01 bit while the NMI pin is held "H".
3. Exit CPU rewrite mode after executing the read array command.
4. When the FMR05 bit is set to "1", the user ROM area can be accessed.
5. To change the FMR01 bit setting from "1" to "0", enter read array mode to write to addresses 005716 in 16-bit
unit. Write "0016" into 8 high-order bits.
Figure 25.6 How to Enter and Exit EW Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com