Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 477Page - Renesas Technology Corp M32C/86T Datasheet HTML 478Page - Renesas Technology Corp M32C/86T Datasheet HTML 479Page - Renesas Technology Corp M32C/86T Datasheet HTML 480Page - Renesas Technology Corp M32C/86T Datasheet HTML 481Page - Renesas Technology Corp M32C/86T Datasheet HTML 482Page - Renesas Technology Corp M32C/86T Datasheet HTML 483Page - Renesas Technology Corp M32C/86T Datasheet HTML 484Page - Renesas Technology Corp M32C/86T Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 505 page
background image
Page 458
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.5.6.2 Stop Mode
• Use the following procedure to select the main clock as the CPU clock when entering stop mode.
1) Set the CM17 bit in the CM1 register to "0" (main clock).
2) Set the CM21 bit in the CM2 register to "0" (clock selected by the CM17 bit).
3) Set the CM07 bit in the CM0 register to "0" (clock selected by the CM21 bit divided by the MCD
register setting).
If the PLL clock is selected as the CPU clock source, set the CM17 bit to "0" (main clock) and the
PLC07 bit in the PLC0 register to "0" (PLL off) before entering stop mode.
______
• The microcomputer cannot enter stop mode if a low-level signal ("L") is applied to the NMI pin.
Apply a high-level ("H") signal instead.
____________
• If stop mode is exited by any reset, apply an "L" signal to the RESET pin until a main clock oscilla-
tion is stabilized enough.
______
• If using the NMI interrupt to exit stop mode, use the following procedure to set the CM10 bit in the
CM1 register (all clocks stopped).
______
1) Exit stop mode with using the NMI interrupt.
2) Generate a dummy interrupt.
3) Set the CM10 bit to "1".
e.g.,
int
#63
; dummy interrupt
bset
cm1
; all clocks stopped
/* dummy interrupt handling */
dummy
reit
• When entering stop mode, the instruction queue reads ahead to instructions following the instruc-
tion setting the CM10 bit in the CM1 register to "1" (all clocks stopped), and the program stops.
When the microcomputer exits stop mode, the instruction lined in the instruction queue is executed
before the interrupt routine for recovery is done.
Write the JMP.B instruction, as follows, after the instruction setting the CM10 bit in the CM1 register
to "1" (all clocks stopped).
e.g.,
bset 0, prcr
; protection removed
bset 0, cm1
; all clocks stopped
jmp.b LABEL_001
; JMP.B instruction executed (no instuction between JMP.B
; and LABEL.)
LABEL_001:
nop
; NOP (1)
nop
; NOP (2)
nop
; NOP (3)
nop
; NOP (4)
mov.b #0, prcr
; Protection set
•
•
•
27. Precautions (Clock Generation Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com