Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 481Page - Renesas Technology Corp M32C/86T Datasheet HTML 482Page - Renesas Technology Corp M32C/86T Datasheet HTML 483Page - Renesas Technology Corp M32C/86T Datasheet HTML 484Page - Renesas Technology Corp M32C/86T Datasheet HTML 485Page - Renesas Technology Corp M32C/86T Datasheet HTML 486Page - Renesas Technology Corp M32C/86T Datasheet HTML 487Page - Renesas Technology Corp M32C/86T Datasheet HTML 488Page - Renesas Technology Corp M32C/86T Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 505 page
background image
Page 462
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.7.4 Watchdog Timer Interrupt
Reset the watchdog timer after a watchdog timer interrupt occurs.
27.7.5 Changing Interrupt Control Register
To change the interrupt control register while the interrupt request is denied, follow the instructions below.
Changing IR bit
The IR bit setting may not change to "0" (no interrupt requested) depending on the instructions written.
If this is a problem, use the following instruction to change the register: MOV
Changing Bits Except IR Bit
When an interrupt request is generated while executing an instruction, the IR bit may not be set to "1"
(interrupt requested) and the interrupt may be ignored. If this is a problem, use the following instructions
to change the register: AND, OR, BCLR, BSET
27.7.6 Changing IIOiIR Register (i = 0 to 5, 8 to 11)
Use the following instructions to set bits 1 to 7 in the IIOilR register to "0" (no interrupt requested): AND,
BCLR
27.7.7 Changing RLVL Register
The DMAII bit is indeterminate after reset. When using the DMAII bit to generate an interrupt, set the
interrupt control register after setting the DMAII bit to "0" (interrupt priority level 7 available for interrupts).
27. Precautions (Interrupts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com