Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 482Page - Renesas Technology Corp M32C/86T Datasheet HTML 483Page - Renesas Technology Corp M32C/86T Datasheet HTML 484Page - Renesas Technology Corp M32C/86T Datasheet HTML 485Page - Renesas Technology Corp M32C/86T Datasheet HTML 486Page - Renesas Technology Corp M32C/86T Datasheet HTML 487Page - Renesas Technology Corp M32C/86T Datasheet HTML 488Page - Renesas Technology Corp M32C/86T Datasheet HTML 489Page - Renesas Technology Corp M32C/86T Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 505 page
background image
Page 463
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.8 DMAC
• Set DMAC-associated registers while the MDi1 and MDi0 bits (i=0 to 3) in the channel to be used are set
to "002" (DMA disabled). Set the MDi1 and MDi0 bits to "012" (single transfer) or "112" (repeat transfer)
at the end of setup procedure to start DMA requests.
• Do not set the DRQ bit in the DMiSL register to "0" (no request).
If a DMA request is generated but the receiving channel is not ready to receive(1), the DMA transfer does
not occur and the DRQ bit is set to "0".
NOTES:
1. The MDi1 and MDi0 bits are set to "002" or the DCTi register is set to "000016" (transferred 0
times).
• To start a DMA transfer by a software trigger, set the DSR bit and DRQ bit in the DMiSL register to "1"
simultaneously.
e.g.,
OR.B #0A0h,DMiSL
; Set the DSR and DRQ bits to "1" simultaneously
• Do not generate a channel i DMA request when setting the MDi1 and MDi0 bits in the DMDj register
(j=0,1) corresponding to channel i to "012" (single transfer) or "112" (repeat transfer), if the DCTi register
of channel i is set to "1".
• Select the peripheral function which causes the DMA request after setting the DMA-associated regis-
______
ters. If none of the conditions above (setting INT interrupt as DMA request source) apply, do not write
"1" to the DCTi register.
• Enable DMA(2) after setting the DMiSL register (i=0 to 3) and waiting six BCLK cycles or more by
program.
NOTES:
2. DMA is enabled when the values set in the MDi1 and MDi0 bits in the DMDj register are
changed from "002" (DMA disabled) to "012" (single transfer) or "112" (repeat transfer).
27. Precautions (DMAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com