Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 480Page - Renesas Technology Corp M32C/86T Datasheet HTML 481Page - Renesas Technology Corp M32C/86T Datasheet HTML 482Page - Renesas Technology Corp M32C/86T Datasheet HTML 483Page - Renesas Technology Corp M32C/86T Datasheet HTML 484Page - Renesas Technology Corp M32C/86T Datasheet HTML 485Page - Renesas Technology Corp M32C/86T Datasheet HTML 486Page - Renesas Technology Corp M32C/86T Datasheet HTML 487Page - Renesas Technology Corp M32C/86T Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 505 page
background image
Page 461
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.7 Interrupts
27.7.1 ISP Setting
After reset, the ISP is set to "00000016". The program runs out of control if an interrupt is acknowledged
before the ISP is set. Therefore, the ISP must be set before an interrupt request is generated. Set the ISP
to an even address, which allows interrupt sequences to be executed at a higher speed.
_______
_______
To use NMI interrupt, set the ISP at the beginning of the program. The NMI interrupt can be acknowl-
edged after the first instruction has been executed after reset.
_______
27.7.2 NMI Interrupt
_______
_______
• NMI interrupt cannot be denied. Connect the NMI pin to VCC via a resistor (pull-up) when not in use.
_______
• The P8_5 bit in the P8 register indicates the NMI pin value. Read the P8_5 bit only to determine the pin
_______
level after a NMI interrupt occurs.
_______
• "H" and "L" signals applied to the NMI pin must be over 2 CPU clock cycles + 300 ns wide.
_______
• NMI interrupt request may not be acknowledged if this and other interrupt requests are generated
simultaneously.
______
27.7.3 INT Interrupt
• Edge Sensitive
______
______
"H" and "L" signals applied to the INT0 to INT5 pins must be at least 250 ns wide, regardless of the CPU
clock.
• Level Sensitive
______
______
"H" and "L" signals applied to the INT0 to INT5 pins must be at least 1 CPU clock cycle + 200 ns wide.
For example, "H" and "L" must be at least 234ns wide if XIN=30MHz with no division.
______
______
• The IR bit setting may change to "1" (interrupt requested) when switching the polarity of the INT0 to INT5
pins. Set the IR bit to "0" (no interrupt requested) after selecting the polarity. Figure 27.3 shows an
______
example of the switching procedure for the INT interrupt.
27. Precautions (Interrupts)
Set the POL bit in the INTiIC register
Set the IR bit in the INTiIC register to "0"
Set the ILVL2 to ILVL0 bits to "0012" (level 1)
to "1112" (level 7)
(INT interrupt request acknowledgement enabled)
Set the ILVL2 to ILVL0 bits in the INTiIC
register (i = 0 to 5) to "0002" (level 0)
(INT interrupt disabled)
______
Figure 27.3 Switching Procedure for INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com