Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 484Page - Renesas Technology Corp M32C/86T Datasheet HTML 485Page - Renesas Technology Corp M32C/86T Datasheet HTML 486Page - Renesas Technology Corp M32C/86T Datasheet HTML 487Page - Renesas Technology Corp M32C/86T Datasheet HTML 488Page - Renesas Technology Corp M32C/86T Datasheet HTML 489Page - Renesas Technology Corp M32C/86T Datasheet HTML 490Page - Renesas Technology Corp M32C/86T Datasheet HTML 491Page - Renesas Technology Corp M32C/86T Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 505 page
background image
Page 465
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.9.2.3 Timer A (One-shot Timer Mode)
• The TAiS (i=0 to 4) bit in the TABSR register is set to "0" (stops counting) after reset. Set the TAiS
bit to "1" (starts counting) after selecting an operating mode and setting the TAi register.
• The followings occur when the TABSR register is set to "0" (stops counting) while counting:
- The counter stops counting and the microcomputer reloads contents of the reload register.
- The TAiOUT pin becomes low ("L").
- The IR bit in the TAiIC register is set to "1" (interrupt requested) after one CPU clock cycle.
• The output of the one-shot timer is synchronized with an internal count source. When set to an
external trigger, there is a delay of one count source cycle maximum, from trigger input to the TAiIN
pin to the one-shot timer output.
• The IR bit is set to "1" when the following procedures are performed to set timer mode:
- selecting one-shot timer mode after reset.
- switching from timer mode to one-shot timer mode.
- switching from event counter mode to one-shot timer mode.
Therefore, set the IR bit to "0" to generate a timer Ai interrupt (IR bit) after performing these proce-
dures.
• When a trigger is generated while counting, the reload register reloads and continues counting
after the counter has decremented once following a re-trigger. To generate a trigger while counting,
wait at least 1 count source cycle after the previous trigger has been generated and generate a re-
trigger.
• If an external trigger input is selected to start counting in timer A one-shot timer mode, do not
provide another external trigger input again for 300 ns before the timer A counter value reaches
"000016". One-shot timer may stop counting.
27.9.2.4 Timer A (Pulse Width Modulation Mode)
• The TAiS(i=0 to 4) bit in the TABSR register is set to "0" (stops counting) after reset. Set the TAiS bit
to "1" (starts counting) after selecting an operating mode and setting the TAi register.
• The IR bit is set to "1" when the following procedures are performed to set timer mode:
- Selecting PWM mode after reset
- Switching from timer mode to PWM mode
- Switching from event counter mode to PWM mode
Therefore, set the IR bit to "0" by program to generate a timer Ai interrupt (IR bit) after performing
these procedures.
• The followings occur when the TAiS bit is set to "0" (stops counting) while PWM pulse is output:
- The counter stops counting
- Output level changes to low ("L") and the IR bit changes to "1" when the TAiOUT pin is held high ("H")
- The IR bit and the output level remain unchanged when TAiOUT pin is held "L"
27. Precautions (Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com